Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N02M0818L1AN-85I Datasheet(PDF) 5 Page - NanoAmp Solutions, Inc.

No. de pieza N02M0818L1AN-85I
Descripción Electrónicos  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NANOAMP [NanoAmp Solutions, Inc.]
Página de inicio  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02M0818L1AN-85I Datasheet(HTML) 5 Page - NanoAmp Solutions, Inc.

  N02M0818L1AN-85I Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02M0818L1AN-85I Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02M0818L1AN-85I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02M0818L1AN-85I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02M0818L1AN-85I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02M0818L1AN-85I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02M0818L1AN-85I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02M0818L1AN-85I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02M0818L1AN-85I Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Stock No. 23208-01 11/01/02
NanoAmp Solutions, Inc.
N02M0818L1A
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30pF
Operating Temperature
-40 to +85 oC
Timing VCCQ > or = VCC
Item
Symbol
VCC = 1.4 - 2.3 V
VCC = 1.7 - 2.3 V
Units
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
150
85
ns
Address Access Time
tAA
150
85
ns
Chip Enable to Valid Output
tCO
150
85
ns
Output Enable to Valid Output
tOE
50
40
ns
Chip Enable to Low-Z output
tLZ
20
10
ns
Output Enable to Low-Z Output
tOLZ
20
5
ns
Chip Disable to High-Z Output
tHZ
0300
15
ns
Output Disable to High-Z Output
tOHZ
0300
15
ns
Output Hold from Address Change
tOH
20
10
ns
Write Cycle Time
tWC
150
85
ns
Chip Enable to End of Write
tCW
75
50
ns
Address Valid to End of Write
tAW
75
50
ns
Write Pulse Width
tWP
50
40
ns
Address Setup Time
tAS
00
ns
Write Recovery Time
tWR
00
ns
Write to High-Z Output
tWHZ
30
15
ns
Data to Write Time Overlap
tDW
50
40
ns
Data Hold from Write Time
tDH
00
ns
End Write to Low-Z Output
tOW
10
5
ns


Número de pieza similar - N02M0818L1AN-85I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NanoAmp Solutions, Inc.
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2AD NANOAMP-N02M0818L2AD Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2AD-85I NANOAMP-N02M0818L2AD-85I Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2AN NANOAMP-N02M0818L2AN Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2AN-85I NANOAMP-N02M0818L2AN-85I Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results

Descripción similar - N02M0818L1AN-85I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com