Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N08T1630C1BZ-70 Datasheet(PDF) 1 Page - NanoAmp Solutions, Inc.

No. de pieza N08T1630C1BZ-70
Descripción Electrónicos  8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NANOAMP [NanoAmp Solutions, Inc.]
Página de inicio  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N08T1630C1BZ-70 Datasheet(HTML) 1 Page - NanoAmp Solutions, Inc.

  N08T1630C1BZ-70 Datasheet HTML 1Page - NanoAmp Solutions, Inc. N08T1630C1BZ-70 Datasheet HTML 2Page - NanoAmp Solutions, Inc. N08T1630C1BZ-70 Datasheet HTML 3Page - NanoAmp Solutions, Inc. N08T1630C1BZ-70 Datasheet HTML 4Page - NanoAmp Solutions, Inc. N08T1630C1BZ-70 Datasheet HTML 5Page - NanoAmp Solutions, Inc. N08T1630C1BZ-70 Datasheet HTML 6Page - NanoAmp Solutions, Inc. N08T1630C1BZ-70 Datasheet HTML 7Page - NanoAmp Solutions, Inc. N08T1630C1BZ-70 Datasheet HTML 8Page - NanoAmp Solutions, Inc. N08T1630C1BZ-70 Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
N08T1630CxB
(DOC# 14-02-004 REV H ECN# 01-1102)
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
8Mb Ultra-Low Power Asynchronous CMOS SRAM
512Kx16 bit
Overview
The N08T1630CxB is an integrated memory
device containing a low power 8 Mbit SRAM built
using a self-refresh DRAM array organized as
512,288 words by 16 bits. It is designed to be
identical in operation and interface to standard 6T
SRAMS. The device is designed for low standby
and operating current and includes a power-down
feature to automatically enter standby mode. The
device operates with two chip enable (CE1 and
CE2) controls and output enable (OE) to allow for
easy memory expansion. Byte controls (UB and
LB) allow the upper and lower bytes to be
accessed independently and can also be used to
deselect the device. The N08T1630CxB is optimal
for various applications where low-power is critical
such as battery backup and hand-held devices.
The device can operate over a very wide
temperature range of -40oC to +85oC and is
available in JEDEC standard BGA and TSOP2
packages compatible with other standard 512Kb x
16 SRAMs.
Features
• Single Wide Power Supply Range
2.7 to 3.6 Volts
• Very low standby current
70µA at 3.0V (Max)
• Very low operating current
2.0mA at 3.0V and 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Very fast access time
55ns address access option
30ns OE access time
• Automatic power down to standby mode
• TTL compatible three-state output driver
• Green package option for TSOP and BGA
Pin Configuration (Top View)
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply (Vcc)
Speed
Standby
Current (ISB),
Max @ 3.0V
Operating
Current (Icc),
Max
N08T1630C2BZ
48 - BGA
-40oC to +85oC
2.7V - 3.6V
55/70ns @
2.7V
70
µA3 mA @ 1MHz
N08T1630C2BZ2
Green 48 - BGA
N08T1630C1BT
44- TSOP2
N08T1630C1BT2 Green 44- TSOP2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A4
A3
A2
A1
A0
CE
I/O0
I/O1
I/O2
I/O3
VCC
VSS
I/O4
I/O5
I/O6
I/O7
WE
A18
A17
A16
A15
A14
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
VSS
VCC
I/O11
I/O10
I/O9
I/O8
A8
A9
A10
A11
A12
A13
44 Pin
TSOP2
12
34
56
A
LB
OE
A0
A1
A2
CE2
B I/O8 UB
A3
A4
CE1
I/O0
C I/O9 I/O10 A5
A6
I/O1
I/O2
D VSS I/O11 A17 A7 I/O3 VCC
E VCC I/O12 VSS A16 I/O4 VSS
F I/O14 I/O13 A14 A15 I/O5 I/O6
G I/O15 NC A12 A13 WE I/O7
H A18 A8
A9
A10
A11
NC
48 Ball BGA
6 x 8 mm
Pin Descriptions
Pin Name
Pin Function
A0-A18
Address Inputs
WE
Write Enable Input
CE1
Chip Enable 1 Input
CE2
Chip Enable 2 Input (BGA only)
OE
Output Enable Input
LB
Lower Byte Enable Input
UB
Upper Byte Enable Input
I/O0-I/O15
Data Inputs/Outputs
VCC
Power
VSS
Ground
NC
Not Connected


Número de pieza similar - N08T1630C1BZ-70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
N080-101 TRIPPLITE-N080-101 Datasheet
154Kb / 2P
   1-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-102 TRIPPLITE-N080-102 Datasheet
155Kb / 2P
   2-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-103 TRIPPLITE-N080-103 Datasheet
155Kb / 2P
   3-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-104 TRIPPLITE-N080-104 Datasheet
155Kb / 2P
   4-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-106 TRIPPLITE-N080-106 Datasheet
156Kb / 2P
   6-Port Single-Gang Universal Keystone Wallplate, White, TAA
More results

Descripción similar - N08T1630C1BZ-70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
logo
ON Semiconductor
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com