Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC51C2XXXA16IAR Datasheet(PDF) 8 Page - TEMIC Semiconductors

No. de pieza TSC51C2XXXA16IAR
Descripción Electrónicos  8-Bit Microcontroller for Digital Computer Monitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEMIC [TEMIC Semiconductors]
Página de inicio  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC51C2XXXA16IAR Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button TSC51C2XXXA16IAR Datasheet HTML 4Page - TEMIC Semiconductors TSC51C2XXXA16IAR Datasheet HTML 5Page - TEMIC Semiconductors TSC51C2XXXA16IAR Datasheet HTML 6Page - TEMIC Semiconductors TSC51C2XXXA16IAR Datasheet HTML 7Page - TEMIC Semiconductors TSC51C2XXXA16IAR Datasheet HTML 8Page - TEMIC Semiconductors TSC51C2XXXA16IAR Datasheet HTML 9Page - TEMIC Semiconductors TSC51C2XXXA16IAR Datasheet HTML 10Page - TEMIC Semiconductors TSC51C2XXXA16IAR Datasheet HTML 11Page - TEMIC Semiconductors TSC51C2XXXA16IAR Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TSC8051C2
Rev. A (10 Jan. 97)
8
Preview
MATRA MHS
OUTPUT
FUNCTION
READ
INTERNAL
READ
LATCH
PORT 0 BIT
TO
LE
Q
WRITE
LATCH
MUX
LATCH
WRITE
LATCH
WRITE
TO
WRITE
TO
LATCH
TO
LATCH
READ
LATCH
MUX
PORT 1 BIT
DQ
P0.X
P0.X
PIN
VCC
CONTROL
ADDR/DATA
INT.
BUS
PIN
READ
LATCH
DQ
P1.X
LATCH
LE
Q
P1.X
PIN
VCC
CONTROL
PWMX
INT.
BUS
READ
PIN
PULL–UP*
DQ
P2.X
LE
Q
P2.X
PIN
VCC
CONTROL
ADDR
INT.
BUS
READ
PIN
INTERNAL
PULL–UP
READ
LATCH
DQ
P3.X
LATCH
LE
Q
P3.X
PIN
VCC
INT.
BUS
ALTERNATE
ALTERNATE
INPUT
FUNCTION
READ
PIN
INTERNAL
PULL–UP
LATCH
PORT 2 BIT
PORT 3 BIT
MUX
* Internal pull–up not present on P1.0 to P1.4 when PWM8 to PWM11
and CPO are enabled
Figure 4. Port Bit Latches and I/O buffers
6.5. Reset Circuitry
The reset circuitry for the TSC8051C2 is connected to
the reset pin RST. A Schmitt trigger is used at the input
for noise rejection (see Figure 5. ).
A reset is accomplished by holding the RST pin high for
at least two machine cycles (24 oscillator periods) while
the oscillator is running. The CPU responds by
executing an internal reset. It also configures the ALE
and PSEN pins as inputs (they are quasi–bidirectional).
A Watchdog timer underflow or a power Fail condition
if enabled, will force a reset condition to the
TSC8051C2 by an internal connection.
The internal reset is executed during the second cycle in
which reset is high and is repeated every cycle until RST
goes low. It leaves the internal registers as follows:
Register
Content
ACC
00h
B
00h
DPTR
0000h
EICON
00h
HWDR
00h
IE
0XX0 0000b
IP
XXX0 0000b
MSCON
XXXX XXX0b
MXCR0–1
00h
P0–P3
FFh
PC
0000h
PCON
0XX0 0000b
PSW
00h
PWM0–11
00h
PWMCON
XXXX XXX0b
SBUF
00h


Número de pieza similar - TSC51C2XXXA16IAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
TSC51C1 TEMIC-TSC51C1 Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAB TEMIC-TSC51C1XXX-12CAB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAD TEMIC-TSC51C1XXX-12CAD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAR TEMIC-TSC51C1XXX-12CAR Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CBB TEMIC-TSC51C1XXX-12CBB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Descripción similar - TSC51C2XXXA16IAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
TSC51C1 TEMIC-TSC51C1 Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com