Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7320 Datasheet(PDF) 1 Page - Supertex, Inc

No. de pieza TC7320
Descripción Electrónicos  Six Pair N- and P-Channel Enhancement-Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUTEX [Supertex, Inc]
Página de inicio  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC7320 Datasheet(HTML) 1 Page - Supertex, Inc

  TC7320 Datasheet HTML 1Page - Supertex, Inc TC7320 Datasheet HTML 2Page - Supertex, Inc TC7320 Datasheet HTML 3Page - Supertex, Inc TC7320 Datasheet HTML 4Page - Supertex, Inc TC7320 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7320
A080405
1
Initial Release
Six Pair N- and P-Channel
Enhancement-Mode MOSFET
Features
Six N- and P-channel MOSFET pairs
Integrated gate-source resistor
Integrated gate-source zener diode
Low threshold
Low on-resistance
Low input capacitance
Fast switching speeds
Free from secondary breakdowns
Low input and output leakage
Application
High voltage pulsers
Amplifiers
Buffers
Piezoelectric transducer drivers
General purpose line drivers
Logic level interfaces
Absolute Maximum Ratings*
Drain-to-Source Voltage
BVDSS
Drain-to-Gate Voltage
BVDGS
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
*Distance of 1.6mm from case for 10 seconds.
General Description
The Supertex TC7320FG consists of a six pairs of high
voltage
low
threshold
N-channel
and
P-channel
MOSFETs
in
a
32-lead
LQFP
package.
All
the
MOSFETs have integrated gate-source resistors and
gate-source zener diode clamps which are desired for
high voltage pulser applications.
These low threshold
enhancement-mode (normally-off) transistors utilize an
advanced lateral DMOS structure and Supertex's well-
proven
silicon-gate
manufacturing
process.
This
combination produces devices with the power handling
capabilities of bipolar transistors and with the high input
impedance and positive temperature coefficient inherent
in MOS devices. Characteristic of all MOS structures,
these devices are free from thermal runaway and
thermally induced secondary breakdown.
Supertex's lateral DMOS FETs are ideally suited to a
wide range of switching and amplifying applications
where very low threshold voltage, high breakdown
voltage, high input impedance, low input capacitance,
and fast switching speeds are desired.
Ordering Information
Order Number / Package
BVDSS / BVDGS
RDS(ON) (max)
32-Lead LQFP
N-Channel
P-Channel
N-Channel
P-Channel
TC7320FG
200V
-200V
20
20
TC7320FG-G*
200V
-200V
20
20
*“Green” certified package
TC7320
A080405


Número de pieza similar - TC7320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
TC73 BOURNS-TC73 Datasheet
119Kb / 1P
   Trimming Potentiometer
logo
Cornell Dubilier Electr...
TC73 CDE-TC73 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Allen-Bradley
TC733E ALLEN-BRADLEY-TC733E Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
SHENZHEN FUMAN ELECTRON...
TC7340 FUMAN-TC7340 Datasheet
406Kb / 7P
   PWM control power switch
TC7342 FUMAN-TC7342 Datasheet
382Kb / 7P
   PWM control power switch
More results

Descripción similar - TC7320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
TC8020 SUTEX-TC8020 Datasheet
684Kb / 8P
   Six Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
Microchip Technology
TC6321 MICROCHIP-TC6321 Datasheet
427Kb / 26P
   N- and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Microchip Technology
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
   N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC8220 SUTEX-TC8220 Datasheet
585Kb / 6P
   Two Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPC6606 SYNC-POWER-SPC6606 Datasheet
590Kb / 9P
   N and P Pair Enhancement Mode MOSFET
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com