Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES6128F Datasheet(PDF) 6 Page - ESS Technology,Inc |
|
ES6128F Datasheet(HTML) 6 Page - ESS Technology,Inc |
6 / 10 page 6 SAM0523B-031804 ESS Technology, Inc. ES6168A PRODUCT BRIEF ES6168A PIN DESCRIPTION ADVEE 111 P Analog power for video DAC. ADVSS 112 G Analog ground for video DAC. YDAC 113 O Video DAC output. Refer to description and matrix for UDAC pin 106. YUV5 O YUV pixel 5 output data PIXOUT5 O CCIR656 output pixel 5. VDAC 114 O Video DAC output. Refer to description and matrix for UDAC pin 106. YUV6 O YUV pixel 6 output data. PIXOUT6 O CCIR656 output pixel 6. FDAC 115 O Video DAC output. Refer to description and matrix for UDAC pin 106. YUV7 O YUV pixel 7 output data. PIXOUT7 O CCIR656 output pixel 7. PCLK2XSCN 116 I/O 27-MHz video output pixel clock. CAMIN4 I Camera YUV 4. PIXIN4 I CCIR656 input pixel 4. PCLKQSCN 117 O 13.5-MHz video output pixel clock. AUX3[2] I/O Aux3 data I/O; (5V tolerant input). CAMIN5 I Camera YUV 5. PIXIN5 I CCIR656 input pixel 5. VSYNC# 118 I/O Vertical sync; (5V tolerant input). AUX3[1] I/O Aux3 data I/O; (5V tolerant input). CAMIN6 I Camera YUV 6. PIXIN6 I CCIR656 input pixel 6. HSYNC# 119 I/O Horizontal sync; (5V tolerant input). AUX3[0] I/O Aux3 data I/O; (5V tolerant input). CAMIN7 I Camera YUV 7. PIXIN7 I CCIR656 input pixel 7. HD[5:0] 122-127 I/O Host data bus lines; (5V tolerant input). DCI[5:0] I/O DVD channel data I/O; (5V tolerant input). AUX1[5:0] I/O Aux1 data I/O; (5V tolerant input). HD6 128 I/O Host data bus line; (5V tolerant input). DCI6 I/O DVD channel data I/O; (5V tolerant input). AUX1[6] I/O Aux1 data I/O; (5V tolerant input). VFD_DOUT I VFD data output. HD7 131 I/O Host data bus line; (5V tolerant input). DCI7 I/O DVD channel data I/O; (5V tolerant input). AUX1[7] I/O Aux1 data I/O; (5V tolerant input). VFD_DIN I VFD data input. Table 1 ES6168A Pin Description (Continued) Name Pin Numbers I/O Definition |
Número de pieza similar - ES6128F |
|
Descripción similar - ES6128F |