Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS21SG Datasheet(PDF) 2 Page - Cystech Electonics Corp.

No. de pieza BAS21SG
Descripción Electrónicos  High voltage switching diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAS21SG Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BAS21SG Datasheet HTML 1Page - Cystech Electonics Corp. BAS21SG Datasheet HTML 2Page - Cystech Electonics Corp. BAS21SG Datasheet HTML 3Page - Cystech Electonics Corp. BAS21SG Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C335SG
Issued Date : 2003.06.10
Revised Date :
Page No. : 2/4
BAS21SG
CYStek Product Specification
Absolute Maximum Ratings(Ta=25℃, unless otherwise specified)
• Maximum Temperatures
Storage Temperature
Tstg ................................................................................................... -55~+150
°C
Junction Temperature Tj ............................................................................................................. +150
°C
• Maximum Power Dissipation
Total Power Dissipation
Ptot (Note)........................................................................................... 200 mW
Derate above 25℃ ……………………………………………………………………….. 1.57mW/℃
• Maximum Voltages and Currents
Continuous Reverse Voltage VR…………………………………………………………………… 250V
Continuous Forward Current IF (Note)…………………………………………………………… 200 mA
Peak Repetitive Forward Current IFRM
(Note)
………..………………………………………….625 mA
• Thermal Resistance, Junction to Ambient Air RθJA……………………………………….…….635℃/W
Note : Parts mounted on FR-5 board with minimum pad.
Characteristics (Ta=25°C)
Characteristic
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100µA
250
-
V
VF(1)
IF=100mA
-
1
V
Forward Voltage (Note)
VF(2)
IF=200mA
-
1.25
V
IR(1)
VR=200V,Tj=25℃
-
100
nA
Reverse Leakage Current (Note)
IR(2)
VR=200V,Tj=150℃
100
µA
Diode Capacitance
CD
VR=0V, f=1MHz
-
5
pF
Reverse Recovery Time
trr
IF=IR=30mA RL=100
measured at IR=3mA
-
50
ns
Notes
: Pulse test, tp=380µs, duty cycle<2%.


Número de pieza similar - BAS21SG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
BAS21S WEITRON-BAS21S Datasheet
665Kb / 2P
   Surface Mount Switching Diodes
logo
Nanjing International G...
BAS21S DGNJDZ-BAS21S Datasheet
4Mb / 2P
   Fast Switching Speed
logo
Pan Jit International I...
BAS21S PANJIT-BAS21S Datasheet
44Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Jiangsu Changjiang Elec...
BAS21S JIANGSU-BAS21S Datasheet
703Kb / 4P
   SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
BAS21S BILIN-BAS21S Datasheet
177Kb / 3P
   Surface mount switching diode
More results

Descripción similar - BAS21SG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com