|
| BAT54XN3 |
|
||
|
CYSTEKEC |
|
4 page
CYStech Electronics Corp. Spec. No. : C302N3-H Issued Date : 2003.04.14 Revised Date : Page No. : 4/4 BAT54N3/BAT54AN3/BAT54CN3/BAT54SN3 CYStek Product Specification SOT-23 Dimension • BAT54 N3: Single Diode (Marking Code L4) • BAT54AN3: Common Anode. (Marking Code L42) • BAT54CN3: Common Cathode. (Marking Code L43) • BAT54SN3: Series Connected. (Marking Code L44) *: Typical Inches Millimeters Inches Millimeters DIM Min. Max. Min. Max. DIM Min. Max. Min. Max. A 0.1102 0.1204 2.80 3.04 J 0.0034 0.0070 0.85 0.177 B 0.0472 0.0630 1.20 1.60 K 0.0128 0.0266 0.32 0.67 C 0.0335 0.0512 0.89 1.30 L 0.0335 0.0453 0.85 1.15 D 0.0118 0.0197 0.30 0.50 S 0.0830 0.1083 2.10 2.75 G 0.0669 0.0910 1.70 2.30 V 0.0098 0.0256 0.25 0.65 H 0.0005 0.0040 0.013 0.10 Notes: 1.Controlling dimension: millimeters. 2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: • Lead: 42 Alloy; solder plating • Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: • All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. • CYStek reserves the right to make changes to its products without notice. • CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. • CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. H J K D A L G V C B 3 2 1 S Marking: L4_ Diagram: 3-Lead SOT-23 Plastic Surface Mounted Package. CYStek Package Code: N3 L4X |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| BAT54XS3 | Small Signal Schottky double diodes | 1 2 3 4 | Cystech Electonics Corp. |
| BAT86 | SMALL SIGNAL SCHOTTKY DIODES | 1 | Micro Commercial Components |
| LS103A | Small Signal Schottky Barrier Diodes | 1 2 3 4 5 | Vishay Siliconix |
| ASD751V-N | Advanced Schottky Barrier Diodes - Surface mount small signal type | 1 2 | Formosa MS |
| ASD751V-N2 | Advanced Schottky Barrier Diodes - Surface mount small signal type | 1 2 | Formosa MS |
| TMBYV10-40 | SMALL SIGNAL SCHOTTKY DIODES | 1 2 3 4 | STMicroelectronics |
| BAT43WS | Advanced Schottky Barrier Diodes - Surface mount small signal type | 1 2 | Formosa MS |
| TMMBAT42 | SMALL SIGNAL SCHOTTKY DIODES | 1 2 3 4 | STMicroelectronics |
| BAS581-02V | Small Signal Schottky Diodes Single | 1 2 3 | Vishay Siliconix |
| SD101AW | Small Signal Schottky Diodes | 1 2 3 4 5 More | Vishay Siliconix |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |