Nombre de pieza
         Descripción
BAT54XN3

 Small Signal Schottky (double) diodes ( 4 Page)


CYSTEKEC
100% 
Zoom Out Zoom In
   
 2 page
background image
CYStech Electronics Corp.
Spec. No. : C302N3-H
Issued Date : 2003.04.14
Revised Date :
Page No. : 2/4
BAT54N3/BAT54AN3/BAT54CN3/BAT54SN3
CYStek Product Specification
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature
Tstg ................................................................................................... -65~+150
°C
Junction Temperature Tj .............................................................................................................. +125
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) Ptot (Note) ......................................................................... 230 mW
• Maximum Voltages and Currents (Ta=25°C)
Repetitive Peak Reverse Voltage VRRM .............................................................................................. 30 V
Continuous Forward Current IF ................................................................................................... 200 mA
Repetitive Peak Forward Current(tp≤1s,duty cycle≤0.5)………………………………………… 300mA
Non-repetitive Peak Forward Current (tp<10ms, sinusoidal) IFSM ............................................... 600 mA
Note:for double diodes, Ptot is the total power dissipation of both diodes.
Characteristics (Ta=25°C)
Characteristic
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100µA
30
-
V
VF(1)
IF=0.1mA
-
240
mV
VF(2)
IF=1mA
-
320
mV
VF(3)
IF=10mA
-
400
mV
VF(4)
IF=30mA
-
500
mV
Forward Voltage (Note 1)
VF(5)
IF=100mA
-
800
mV
Reverse Leakage Current (Note 2)
IR
VR=25V,Tj=25℃
-
2
µA
Diode Capacitance
CD
VR=1V, f=1MHz
-
10
pF
Reverse Recovery Time
trr
IF=IR=10mA RL=100
measured at IR=1mA
-
5
ns
Notes
: 1.pulse test, tp=380µs,duty cycle<2%.
2.pulse test, tp=5ms,duty cycle<2%.
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BAT54XS3Small Signal Schottky double diodes 1 2 3 4 Cystech Electonics Corp.
BAT86SMALL SIGNAL SCHOTTKY DIODES 1 Micro Commercial Components
LS103ASmall Signal Schottky Barrier Diodes 1 2 3 4 5 Vishay Siliconix
ASD751V-NAdvanced Schottky Barrier Diodes - Surface mount small signal type 1 2 Formosa MS
ASD751V-N2Advanced Schottky Barrier Diodes - Surface mount small signal type 1 2 Formosa MS
TMBYV10-40SMALL SIGNAL SCHOTTKY DIODES 1 2 3 4 STMicroelectronics
BAT43WSAdvanced Schottky Barrier Diodes - Surface mount small signal type 1 2 Formosa MS
TMMBAT42SMALL SIGNAL SCHOTTKY DIODES 1 2 3 4 STMicroelectronics
BAS581-02VSmall Signal Schottky Diodes Single 1 2 3 Vishay Siliconix
SD101AWSmall Signal Schottky Diodes 1 2 3 4 5 MoreVishay Siliconix

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl