Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT54C Datasheet(PDF) 2 Page - Cystech Electonics Corp.

No. de pieza BAT54C
Descripción Electrónicos  Small Signal Schottky (double) diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAT54C Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BAT54C Datasheet HTML 1Page - Cystech Electonics Corp. BAT54C Datasheet HTML 2Page - Cystech Electonics Corp. BAT54C Datasheet HTML 3Page - Cystech Electonics Corp. BAT54C Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C302N3-H
Issued Date : 2003.04.14
Revised Date :
Page No. : 2/4
BAT54N3/BAT54AN3/BAT54CN3/BAT54SN3
CYStek Product Specification
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature
Tstg ................................................................................................... -65~+150
°C
Junction Temperature Tj .............................................................................................................. +125
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) Ptot (Note) ......................................................................... 230 mW
• Maximum Voltages and Currents (Ta=25°C)
Repetitive Peak Reverse Voltage VRRM .............................................................................................. 30 V
Continuous Forward Current IF ................................................................................................... 200 mA
Repetitive Peak Forward Current(tp≤1s,duty cycle≤0.5)………………………………………… 300mA
Non-repetitive Peak Forward Current (tp<10ms, sinusoidal) IFSM ............................................... 600 mA
Note:for double diodes, Ptot is the total power dissipation of both diodes.
Characteristics (Ta=25°C)
Characteristic
Symbol
Condition
Min.
Max.
Unit
Reverse Breakdown Voltage
VBR
IR=100µA
30
-
V
VF(1)
IF=0.1mA
-
240
mV
VF(2)
IF=1mA
-
320
mV
VF(3)
IF=10mA
-
400
mV
VF(4)
IF=30mA
-
500
mV
Forward Voltage (Note 1)
VF(5)
IF=100mA
-
800
mV
Reverse Leakage Current (Note 2)
IR
VR=25V,Tj=25℃
-
2
µA
Diode Capacitance
CD
VR=1V, f=1MHz
-
10
pF
Reverse Recovery Time
trr
IF=IR=10mA RL=100
measured at IR=1mA
-
5
ns
Notes
: 1.pulse test, tp=380µs,duty cycle<2%.
2.pulse test, tp=5ms,duty cycle<2%.


Número de pieza similar - BAT54C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Chip Integration Techno...
BAT54C CITC-BAT54C Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
110Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Formosa MS
BAT54C FORMOSA-BAT54C Datasheet
86Kb / 2P
   Surface Mount Schottky Diode - Silicon epitaxial planar type
logo
Dongguan Pingjingsemi T...
BAT54C PJSEMI-BAT54C Datasheet
1Mb / 3P
   Schottky Barrier Diodes
More results

Descripción similar - BAT54C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BAT54XS3 CYSTEKEC-BAT54XS3 Datasheet
183Kb / 4P
   Small Signal Schottky (double) diodes
BAR40AS3 CYSTEKEC-BAR40AS3 Datasheet
236Kb / 6P
   Small Signal Schottky (double) diodes
BAS70AS3 CYSTEKEC-BAS70AS3 Datasheet
264Kb / 6P
   Small Signal Schottky (double) diodes
BAR40AN3 CYSTEKEC-BAR40AN3 Datasheet
246Kb / 7P
   Small Signal Schottky (double) diodes
BAR40CS3 CYSTEKEC-BAR40CS3 Datasheet
236Kb / 6P
   Small Signal Schottky (double) diodes
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com