Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA1759N3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

No. de pieza BTA1759N3
Descripción Electrónicos  High Voltage PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1759N3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTA1759N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1759N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1759N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1759N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C309N3
Issued Date : 2003.05.09
Revised Date : 2004.04.02
Page No. : 1/4
BTA1759N3
CYStek Product Specification
High Voltage PNP Epitaxial Planar Transistor
BTA1759N3
Description
• High breakdown voltage. (BVCEO=-400V)
• Low saturation voltage, typical VCE(sat) =-0.2V at Ic/IB =-20mA/-2mA.
• Wide SOA (safe operation area).
• Complementary to BTC4505N3.
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current
IC
-300
mA
Power Dissipation
Pd
225
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
BTA1759N3
SOT-23
B:Base
C:Collector
E:Emitter


Número de pieza similar - BTA1759N3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTA1759A3 CYSTEKEC-BTA1759A3 Datasheet
146Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1759M3 CYSTEKEC-BTA1759M3 Datasheet
154Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1759M3 CYSTEKEC-BTA1759M3 Datasheet
282Kb / 6P
   High Voltage PNP Epitaxial Planar Transistor
BTA1759M3 CYSTEKEC-BTA1759M3_18 Datasheet
282Kb / 6P
   High Voltage PNP Epitaxial Planar Transistor
More results

Descripción similar - BTA1759N3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1659 KEC-KTA1659 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTB9050N3 CYSTEKEC-BTB9050N3 Datasheet
278Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520N3 CYSTEKEC-BTP6520N3 Datasheet
151Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727M3 CYSTEKEC-BTA1727M3 Datasheet
432Kb / 8P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1023 KEC-KTA1023 Datasheet
334Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA1700 KEC-KTA1700 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com