|
| BTD1857AT3 |
|
||
|
CYSTEKEC |
|
4 page
CYStech Electronics Corp. Spec. No. : C855T3 Issued Date : 2004.12.15 Revised Date : Page No. : 4/4 BTD1857AT3 CYStek Product Specification TO-126 Dimension *: Typical Inches Millimeters Inches Millimeters DIM Min. Max. Min. Max. DIM Min. Max. Min. Max. α1 - *3 ° - *3 ° F 0.0280 0.0319 0.71 0.81 α2 - *3 ° - *3 ° G 0.0480 0.0520 1.22 1.32 α3 - *3 ° - *3 ° H 0.1709 0.1890 4.34 4.80 α4 - *3 ° - *3 ° I 0.0950 0.1050 2.41 2.66 A 0.1500 0.1539 3.81 3.91 J 0.0450 0.0550 1.14 1.39 B 0.2752 0.2791 6.99 7.09 K 0.0450 0.0550 1.14 1.39 C 0.5315 0.6102 13.50 15.50 L - *0.0217 - *0.55 D 0.2854 0.3039 7.52 7.72 M 0.1378 0.1520 3.50 3.86 E 0.0374 0.0413 0.95 1.05 Notes: 1.Controlling dimension: millimeters. 2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: • Lead: 42 Alloy; solder plating • Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: • All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. • CYStek reserves the right to make changes to its products without notice. • CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. • CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. A B C F D E H 1 2 3 K J I α3 α4 L M α1 α2 G Style: Pin 1.Emitter 2.Collector 3.Base 3-Lead TO-126 Plastic Package CYStek Package Code: T3 Marking: D1857A |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| UNR32A7 | Silicon NPN epitaxial planar transistor | 1 2 3 | Panasonic Semiconductor |
| 2SC6014 | NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications | 1 2 3 4 | Sanyo Semicon Device |
| BTD1857AM3 | Silicon NPN Epitaxial Planar Transistor | 1 2 3 4 | Cystech Electonics Corp. |
| PZT2222A | NPN Silicon Planar Epitaxial Transistor | 1 2 3 4 | Weitron Technology |
| LLE18150X | NPN silicon planar epitaxial microwave power transistor | 1 2 3 4 5 More | NXP Semiconductors |
| FC116 | NPN Epitaxial Planar Silicon Composite Transistor Switching Applications | 1 2 | Sanyo Semicon Device |
| 8050 | NPN EPITAXIAL SILICON PLANAR TRANSISTOR | 1 | Micro Electronics |
| SUT483J | NPN/PNP Epitaxial Planar Silicon Transistor | 1 2 3 4 5 | AUK corp |
| MT6L03AE | TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE | 1 2 3 | Toshiba Semiconductor |
| MT6L04AT | TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPEl | 1 2 3 | Toshiba Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |