Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1524 Datasheet(PDF) 4 Page - Gennum Corporation

No. de pieza GS1524
Descripción Electrónicos  GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524 Datasheet(HTML) 4 Page - Gennum Corporation

  GS1524 Datasheet HTML 1Page - Gennum Corporation GS1524 Datasheet HTML 2Page - Gennum Corporation GS1524 Datasheet HTML 3Page - Gennum Corporation GS1524 Datasheet HTML 4Page - Gennum Corporation GS1524 Datasheet HTML 5Page - Gennum Corporation GS1524 Datasheet HTML 6Page - Gennum Corporation GS1524 Datasheet HTML 7Page - Gennum Corporation GS1524 Datasheet HTML 8Page - Gennum Corporation GS1524 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
GS1524 Data Sheet
14976 - 7
June 2005
4 of 18
1.3 AC Electrical Characteristics
CD/Mute Input Voltage
Required to Force Outputs
to Mute
Min to Mute
VCD/Mute
3.0
V
7
CD/Mute Input Voltage
Required to Force Active
Max to Activate
VCD/Mute
––
2.0
V
7
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.
10.Wafer Probe
Table 1-1: DC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Notes
Test
Levels
Table 1-2: AC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Notes
Test
Levels
Serial input data rate
143
1485
Mb/s
6
Input Voltage Swing
TA =25°C, differential
ΔVSDI
720
800
950
mVp-p
0m cable
length
1
Output Voltage Swing
50
Ω load, TA =25°C,
differential
ΔVSDO
750
mVp-p
–1
Maximum equalized
cable length
270Mb/s, Belden 1694A,
0.2UI output jitter
350
m
Equalizer
Pathological
7
270Mb/s, Belden 8281
0.2UI output jitter
280
m
Equalizer
Pathological
1
1.485Gb/s, Belden 1694A
0.25UI output jitter
140
m
Equalizer
Pathological
7
1.485Gb/s, Belden 8281
0.25UI output jitter
100
m
Equalizer
Pathological
1
Output Rise/Fall time
20% - 80%
80
220
ps
1
Mismatch in rise/fall time
30
ps
1


Número de pieza similar - GS1524

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CKDE3 GENNUM-GS1524-CKDE3 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTDE3 GENNUM-GS1524-CTDE3 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTDE3Z GENNUM-GS1524-CTDE3Z Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results

Descripción similar - GS1524

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com