Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS1531-CB Datasheet(PDF) 9 Page - Gennum Corporation |
|
GS1531-CB Datasheet(HTML) 9 Page - Gennum Corporation |
9 / 49 page GS1531 Data Sheet 30573 - 4 July 2005 9 of 49 F10, F9, G10, G9, H10, H9, J10, J9, K10, K9 DIN[9:0] Synchronous with PCLK Input PARALLEL DATA BUS Signal levels are LVCMOS/LVTTL compatible. DIN9 is the MSB and DIN0 is the LSB. HD 20-bit mode SD/HD = LOW 20bit/10bit = HIGH Chroma data input in SMPTE mode SMPTE_BYPASS =HIGH DVB_ASI = LOW Data input in Data-Through mode SMPTE_BYPASS = LOW DVB_ASI = LOW HD 10-bit mode SD/HD = LOW 20bit/10bit = LOW High impedance in all modes. SD 20-bit mode SD/HD = HIGH 20bit/10bit = HIGH Chroma data input in SMPTE mode SMPTE_BYPASS = HIGH DVB_ASI = LOW Data input in Data-Through mode SMPTE_BYPASS = LOW DVB_ASI = LOW High impedance in DVB-ASI mode SMPTE_BYPASS = LOW DVB_ASI = HIGH SD 10-bit mode SD/HD = HIGH 20bit/10bit = LOW High impedance in all modes. G4 IOPROC_EN/DIS Non Synchronous Input CONTROL SIGNAL INPUT Signal levels are LVCMOS/LVTTL compatible. Used to enable or disable I/O processing features. When set HIGH, the following I/O processing features of the device are enabled: • EDH Packet Generation and Insertion (SD-only) • SMPTE 352M Packet Generation and Insertion • ANC Data Checksum Calculation and Insertion • Line-based CRC Generation and Insertion (HD-only) • Line Number Generation and Insertion (HD-only) • TRS Generation and Insertion • Illegal Code Remapping To enable a subset of these features, keep IOPROC_EN/DIS HIGH and disable the individual feature(s) in the IOPROC_DISABLE register accessible via the host interface. When set LOW, the I/O processing features of the device are disabled, regardless of whether the features are enabled in the IOPROC_DISABLE register. Table 1-1: Pin Descriptions (Continued) Pin Number Name Timing Type Description |
Número de pieza similar - GS1531-CB |
|
Descripción similar - GS1531-CB |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |