Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9065A Datasheet(PDF) 8 Page - Gennum Corporation

No. de pieza GS9065A
Descripción Electrónicos  GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9065A Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9065A Datasheet HTML 4Page - Gennum Corporation GS9065A Datasheet HTML 5Page - Gennum Corporation GS9065A Datasheet HTML 6Page - Gennum Corporation GS9065A Datasheet HTML 7Page - Gennum Corporation GS9065A Datasheet HTML 8Page - Gennum Corporation GS9065A Datasheet HTML 9Page - Gennum Corporation GS9065A Datasheet HTML 10Page - Gennum Corporation GS9065A Datasheet HTML 11Page - Gennum Corporation GS9065A Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
GS1535A / GS9065A Data Sheet
31497 - 3
November 2005
8 of 27
43
GND_DRV
Passive
Recommended connect to GND.
44, 46
DDO, DDO
Output
Differential Serial Digital Outputs.
45
DDO_VTT
Passive
Do not connect.
NOTE: This pin is not connected internally. Previous external application circuitry
from the original GS1535/9065 may remain in order to maintain footprint
compatibility.
47
VCC_DDO
Power
Most positive power supply connection for the DDO/DDO output driver.
Connect to 3.3V.
48
VEE_DDO
Power
Most negative power supply connection for the DDO/DDO output driver.
Connect to GND.
50, 51
XTAL_OUT+,
XTAL_OUT-
Output
Differential outputs of the reference oscillator used for monitoring or test
purposes.
52, 53
XTAL+, XTAL-
Input
Reference crystal input. Connect to the GO1535.
54 - 59
RSVD
Reserved
Do Not Connect.
NOTE: These pins are not connected internally. Previous external application
circuitry from the original GS1535/9065 may remain in order to maintain footprint
compatibility.
60
VEE_CP
Power
Most negative power supply connection for the internal charge pump.
Connect to GND.
61
VCC_CP
Power
Most positive power supply connection for the internal charge pump.
Connect to 3.3V.
62, 63
LF+, LF-
Passive
Loop filter capacitor connection. (CLF = 47nF).
Table 1-1: GS1535A / GS9065A Pin Descriptions (Continued)
Pin Number
Name
Type
Description


Número de pieza similar - GS9065A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9065A GENNUM-GS9065A Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS9065ACFUE3 GENNUM-GS9065ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results

Descripción similar - GS9065A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com