Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9062 Datasheet(PDF) 8 Page - Gennum Corporation

No. de pieza GS9062
Descripción Electrónicos  HD-LINX II Voltage Controlled Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062 Datasheet(HTML) 8 Page - Gennum Corporation

  GS9062 Datasheet HTML 1Page - Gennum Corporation GS9062 Datasheet HTML 2Page - Gennum Corporation GS9062 Datasheet HTML 3Page - Gennum Corporation GS9062 Datasheet HTML 4Page - Gennum Corporation GS9062 Datasheet HTML 5Page - Gennum Corporation GS9062 Datasheet HTML 6Page - Gennum Corporation GS9062 Datasheet HTML 7Page - Gennum Corporation GS9062 Datasheet HTML 8Page - Gennum Corporation GS9062 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
GO1525 Data Sheet
21969 - 8
July 2005
8 of 9
5. Package & Ordering Information
5.1 Package Dimensions
5.2 Packaging Data
5.3 Ordering Information
GO1525
TOP VIEW
2.2
±0.1
4.2
±0.1
5.8
±0.2
2.0±0.1
7.6±0.2
All dimensions in millimetres
NC
GND
OUT
VCC
VCTR
GND
GND
2.0 MAX
0.8±0.15
1.3±0.1
1.3±0.1
1.10
2.20
3.40
4.30
All dimensions in millimetres
Recommended Footprint for PCB Layout
GND
0.7 ± 0.15
0.7 ± 0.15
0.8 ± 0.15
2.20
2.00
2.30
3.40
1.40
Parameter
Value
Package Type
8L Proprietary Surface Mount
Package Drawing Reference
21307 rev.0
Pb-free and RoHS Compliant
Yes
Part Number
Package
Temperature Range
Pb-Free
RoHS Compliant
GO1525-CTAE3
8-pin tape on reel
0°C to 70°C
Yes
Yes


Número de pieza similar - GS9062

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062 GENNUM-GS9062 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS9062-CF GENNUM-GS9062-CF Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9062-CF GENNUM-GS9062-CF Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS9062-CFE3 GENNUM-GS9062-CFE3 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
More results

Descripción similar - GS9062

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com