Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS4910BCNE3 Datasheet(PDF) 10 Page - Gennum Corporation

No. de pieza GS4910BCNE3
Descripción Electrónicos  HD/SD/Graphics Clock and Timing Generator with GENLOCK
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4910BCNE3 Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS4910BCNE3 Datasheet HTML 6Page - Gennum Corporation GS4910BCNE3 Datasheet HTML 7Page - Gennum Corporation GS4910BCNE3 Datasheet HTML 8Page - Gennum Corporation GS4910BCNE3 Datasheet HTML 9Page - Gennum Corporation GS4910BCNE3 Datasheet HTML 10Page - Gennum Corporation GS4910BCNE3 Datasheet HTML 11Page - Gennum Corporation GS4910BCNE3 Datasheet HTML 12Page - Gennum Corporation GS4910BCNE3 Datasheet HTML 13Page - Gennum Corporation GS4910BCNE3 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 113 page
background image
GS4911B/GS4910B Data Sheet
36655 - 2
April 2006
10 of 113
1.3 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
1
LOCK_LOST
Non
Synchronous
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be HIGH if the output is not genlocked to the input.
The GS4911B/GS4910B monitors the output pixel/line counters, as well
as the internal lock status from the genlock block and asserts
LOCK_LOST HIGH if it is determined that the output is not genlocked to
the input. This pin will be LOW if the device successfully genlocks the
output clock and timing signals to the input reference.
If LOCK_LOST is LOW, the reference timing generator outputs will be
phase locked to the detected reference signal, producing an output in
accordance with the video standard selected by the VID_STD[5:0] pins.
2
REF_LOST
Non
Synchronous
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be HIGH if:
• No input reference signal is applied to the device; or
• The input reference applied does not meet the minimum/maximum
timing requirements described in Section 3.5.2 on page 45.
This pin will be LOW otherwise.
If the reference signal is removed when the device is in Genlock mode,
REF_LOST will go HIGH and the GS4911B/GS4910B will enter Freeze
mode (see Section 3.2.1.2 on page 40).
3
VID_PLL_VDD
Power
Supply
Most positive power supply connection for the video clock synthesis
internal block. Connect to +1.8V DC.
4
VID_PLL_GND
Power
Supply
Ground connection for the video clock synthesis internal block. Connect
to GND.
5
XTAL_VDD
Power
Supply
Most positive power supply connection for the crystal buffer. Connect to
either +1.8V DC or +3.3V DC.
NOTE: Connect to +3.3V for minimum output PCLK jitter.
6X1
Non
Synchronous
Input
ANALOG SIGNAL INPUT
Connect to a 27MHz crystal or a 27MHz external clock source. See
Figure 1-1.
7X2
Non
Synchronous
Output
ANALOG SIGNAL OUTPUT
Connect to a 27MHz crystal, or leave this pin open circuit if an external
clock source is applied to pin 6. See Figure 1-1.
8XTAL_GND
Power
Supply
Ground connection for the crystal buffer. Connect to GND.
9
CORE_GND
Power
Supply
Ground connection for core and I/O. Solder to the ground plane of the
application board.
NOTE: The CORE_GND pin should be soldered to the same main
ground plane as the exposed ground pad on the bottom of the device.
10
ANALOG_VDD
Power
Supply
Most positive power supply connection for the analog input block.
Connect to +1.8V DC.
11, 20, 63
NC
Do not connect.


Número de pieza similar - GS4910BCNE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS4910BCNE3 GENNUM-GS4910BCNE3 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
More results

Descripción similar - GS4910BCNE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4900B SEMTECH-GS4900B Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
   DUAL GRAPHICS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com