Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9002-CPM Datasheet(PDF) 6 Page - Gennum Corporation

No. de pieza GS9002-CPM
Descripción Electrónicos  GENLINXTM GS9002 Serial Digital Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002-CPM Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9002-CPM Datasheet HTML 2Page - Gennum Corporation GS9002-CPM Datasheet HTML 3Page - Gennum Corporation GS9002-CPM Datasheet HTML 4Page - Gennum Corporation GS9002-CPM Datasheet HTML 5Page - Gennum Corporation GS9002-CPM Datasheet HTML 6Page - Gennum Corporation GS9002-CPM Datasheet HTML 7Page - Gennum Corporation GS9002-CPM Datasheet HTML 8Page - Gennum Corporation GS9002-CPM Datasheet HTML 9Page - Gennum Corporation GS9002-CPM Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
520 - 27 - 08
NOT
RECOMMENDED
FOR
NEW
DESIGNS
GS9002 PIN DESCRIPTIONS
PIN NO
SYMBOL
TYPE
DESCRIPTION
37
V
EE
Power Supply: Most negative power supply connection.
38,39
SDO/SDO
O
Serial Data Outputs (true and inverse). Pseudo-ECL differential outputs representing the serialized
data. These outputs require 390
Ω pull down resistors.
40
V
CC2b
Power Supply: Most positive power supply connection for the Serial Data ECL output buffers.
41
V
CC2a
Power Supply: Most positive power supply connection for the Serial Clock ECL output buffers.
42,43
SCK/SCK
O
Serial Clock Outputs (inverse and true). Pseudo-ECL differential outputs of the Serial Clock (10x
Parallel Clock). These outputs require 390
Ω pull-down resistors.
44
V
EE
Power Supply: Most negative power supply connection.
VEE
1k
1k
VCC
INPUT
VR1
VEE
VCC
SYNC DET
5k
INPUT / OUTPUT CIRCUITS
Fig. 2 Pin No. 3
Sync Detect
Fig. 4 Pin No. 19
Parallel Clock Out
Fig. 5 Pin No. 20
Lock Detect
Fig. 3 Pins No. 6, 7 - 16, 17,26
Sync Disable, Parallel Data, Parallel Clock,
Scrambler/Serializer Select
VEE
PCK OUT
1k
VCC
1k
VCC
LOCK
DETECT
10k
VEE
VCC


Número de pieza similar - GS9002-CPM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9002ACPM GENNUM-GS9002ACPM Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9002ACPME3 GENNUM-GS9002ACPME3 Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
More results

Descripción similar - GS9002-CPM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
logo
TRINAMIC Motion Control...
TMC4671 TRINAMIC-TMC4671 Datasheet
4Mb / 157P
   Encoder Engine: Hall analog/digital, Encoder analog/digital
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
   SERIAL INTERFACE TRANSMISSION ENCODER
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com