Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9035CCPJ Datasheet(PDF) 9 Page - Gennum Corporation

No. de pieza GS9035CCPJ
Descripción Electrónicos  GENLINX II -TM GS9035C Serial Digital Reclocker
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9035CCPJ Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9035CCPJ Datasheet HTML 5Page - Gennum Corporation GS9035CCPJ Datasheet HTML 6Page - Gennum Corporation GS9035CCPJ Datasheet HTML 7Page - Gennum Corporation GS9035CCPJ Datasheet HTML 8Page - Gennum Corporation GS9035CCPJ Datasheet HTML 9Page - Gennum Corporation GS9035CCPJ Datasheet HTML 10Page - Gennum Corporation GS9035CCPJ Datasheet HTML 11Page - Gennum Corporation GS9035CCPJ Datasheet HTML 12Page - Gennum Corporation GS9035CCPJ Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
GENNUM CORPORATION
20582 - 3
9 of 14
5.2 DVB-ASI
Design Note: For DVB-ASI applications having significant
instances of few bit transitions or when only K28.5 idle bits
are transmitted, the wide-band PLL in the GS9035C may
lock at 243MHz being the first 27MHz sideband below
270MHz. When normal bit density signals are transmitted,
the PLL will correctly lock onto the proper 270MHz carrier.
6. OUTPUT DATA MUTING
The GS9035C internally mutes the SDO and SDO outputs
when the device is not locked. When muted, SDO/SDO are
latched providing a logic state to the subsequent circuit
and avoiding a condition where noise could be amplified
and appear as data. The output data muting timing is
shown in Figure 12.
Fig. 12 Output Data Muting Timing
7. CLOCK ENABLE
When CLK_EN is high, the GS9035C SCO/SCO outputs are
enabled. When CLK_EN is low, the SCO/SCO outputs are
set to a high Z state and float to VCC. Disabling the clock
outputs
results
in
a
power
savings
of
10%.
It
is
recommended that the CLK_EN input be hard wired to the
desired state. For applications which do not require the
clock output, connect CLK_EN to Ground and connect the
SCO/SCO outputs to VCC.
8. STRESSFUL DATA PATTERNS
All PLL's are susceptible to stressful data patterns which
can introduce bit errors in the data stream. PLL's are most
sensitive to patterns which have long run lengths of zeros or
ones (low data transition densities for a long period of time).
The GS9035C is designed to operate with low data
transition densities such as the SMPTE 259M pathological
signal (data transition density = 0.05).
9. PLL DESIGN GUIDELINES
The performance of the GS9035C is primarily determined
by the PLL. Thus, it is important that the system designer is
familiar with the basic PLL design equations.
A model of the GS9035C PLL is shown below. The main
components are the phase detector, the VCO, and the
external loop filter components.
Fig. 13 PLL Model
9.1 Transfer Function
The transfer function of the PLL is defined as Øoi and can
be approximated as
Equation 1
where
N is the divider modulus
D is the data density (=0.5 for NRZ data)
ΙCP is the charge pump current in Amps
Kƒ is the VCO gain in Hz/V
This response has 1 zero (wZ) and three poles (wP1, wBW,
wP2) where
The bode plot for this transfer function is plotted in Figure 14.
LOCK
DDI
SDO
VALID
DATA
NO DATA TRANSITIONS
VALID
DATA
OUTPUTS MUTED
LOOP
FILTER
Øi
Øo
VCO
ΙCP
RLF
KPD
CLF1
CLF2
PHASE
DETECTOR
2
πKf
+
-
Ns
Ø
o
Ø
i
-------
sC
LF1RLF
1
+
sC
LF1RLF
L
R
LF
----------

 1
+
----------------------------------------------------------------
1
s
2
C
LF2Ls
L
R
LF
---------
1
++
---------------------------------------------------------
=
L
N
DI
CPKƒ
--------------------
=
w
Z
1
C
LF1RLF
-----------------------
=
w
P1
1
C
LF1 RLF
L
R
LF
---------
---------------------------------------
=
w
BW
R
LF
L
---------
=
w
P2
1
C
LF2RLF
-----------------------
=


Número de pieza similar - GS9035CCPJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
More results

Descripción similar - GS9035CCPJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com