Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9064 Datasheet(PDF) 7 Page - Gennum Corporation

No. de pieza GS9064
Descripción Electrónicos  GS9064 SD SDI Adaptive Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9064 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9064 Datasheet HTML 2Page - Gennum Corporation GS9064 Datasheet HTML 3Page - Gennum Corporation GS9064 Datasheet HTML 4Page - Gennum Corporation GS9064 Datasheet HTML 5Page - Gennum Corporation GS9064 Datasheet HTML 6Page - Gennum Corporation GS9064 Datasheet HTML 7Page - Gennum Corporation GS9064 Datasheet HTML 8Page - Gennum Corporation GS9064 Datasheet HTML 9Page - Gennum Corporation GS9064 Datasheet HTML 10Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
GENNUM CORPORATION
22212 - 2
7 of 10
2.5
TYPICAL PERFORMANCE CURVES
All resistors in ohms, all capacitors in farads, unless otherwise shown.
Figure 7 Power Consumption
Figure 8 CLI Voltage vs 8281 Cable Length, 270Mb/s
Figure 9 Input 8281, 280m, 270Mb/s
Figure 10 MCLADJ Input Voltage vs 1694A Cable Length,
270Mb/s
Figure 11 Typical Peak-to-Peak Jitter, PRN2
23-1, 1694A, 270Mb/s
Figure 12 Output 8281, 280m, 270Mb/s
350
300
250
200
150
100
50
0
0
20
40
60
80
TEMPERATURE (˚C)
CABLE LENGTH (m)
3.5
3
2.5
2
1.5
0
50
100
150
200
250
300
CABLE LENGTH (m)
2.0
0
50
100
150
200
250
300
2.5
3.0
3.5
1100
900
700
500
400
300
200
100
0
0
100
200
300
400
CABLE LENGTH (m)


Número de pieza similar - GS9064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9064A GENNUM-GS9064A Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
GS9064ACKDE3 GENNUM-GS9064ACKDE3 Datasheet
320Kb / 16P
   GS9064A HD-LINX짰 II Adaptive Cable Equalizer
More results

Descripción similar - GS9064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com