Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-60B Datasheet(PDF) 1 Page - Total Power International

No. de pieza D-60B
Descripción Electrónicos  TOTAL POWER INT. D60 AC-DC 60W POWER SUPPLY WITH DUAL OUTPUT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

D-60B Datasheet(HTML) 1 Page - Total Power International

  D-60B Datasheet HTML 1Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.
LOW COST, HIGH RELIABILITY
.
COMPACT SIZE, LIGHT WEIGHT
.
105ºC OUTPUT CAPACITOR
.
100% FULL LOAD BURN-IN TEST
.
INTERNATIONAL AC INPUT RANGE
.
BUILT IN EMI FILTER, LOW RIPPLE NOISE
.
HIGH EFFICIENCY, LOW WORKING TEMPERATURE
.
SOFT-START CIRCUIT, LIMITING AC SURGE CURRENT
.
SHORT CIRCUIT, OVERLOAD, OVER VOLTAGE PROTECTED
MODEL
SPECIFICATION
D-60A
D-60B
CH1
CH2
CH1
CH2
DC OUTPUT VOLTAGE
5V
12V
5V
24V
OUTPUT V. TOLERANCE
±2%
±6%
±2%
±5%
OUTPUT RATED CURRENT
4A
3A
3A
1.8A
OUTPUT CURRENT RANGE
0.3-6A
0.2-4A
0.3-6A
0.2-2.2A
RIPPLE & NOISE
75mVp-p
150mVp-p
75mVp-p
150mVp-p
LINE REGULATION
±0.5%
±1%
±0.5%
±0.5%
LOAD REGULATION
±0.5%
±4%
±0.5%
±4%
DC OUTPUT POWER
56W
58W
EFFICIENCY
73%
76%
DC VOLTAGE ADJ.
CH1:+10,-5%
CH1:+10,-5%
INPUT VOLTAGE RANGE
85~264VAC 47~63Hz; 120~370VDC
AC CURRENT
2A/115V 1A/230V
INRUSH CURRENT
COLD START 30A/115V 60A/230V
LEAKAGE CURRENT
<1mA/240VAC
OVERLOAD PROTECTION
105%~150% TYPE:PULSING HICCUP SHUTDOWN RESET:AUTO RECOVERY
OVER VOLTAGE PROTECTION
CH1:5.75~6.75V
OVER TEMP. PROTECTION
----------
TEMP. COEFFICIENT
±0.03% / ºC (0~50ºC) ON +5V OUTPUT
SETUP, RISE, HOLD UP TIME
800ms, 50ms, 10ms / 115VAC 300ms, 50ms, 80ms / 230VAC
VIBRATION
10~500Hz, 2G 10min./1cycle, PERIOD FOR 60min. EACH AXES
WITHSTAND VOLTAGE
I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
ISOLATION RESISTANCE
I/P-O/P, I/P-FG, O/P-FG:500VDC / 100M Ohms
WORKING TEMP., HUMIDITY
-10ºC~+60ºC(REFER TO OUTPUT DERATING CURVE), 20%~90% RH
STORAGE TEMP., HUMIDITY
-20ºC~+85ºC, 10%~95% RH
DIMENSION
159*97*38mm CASE:901
WEIGHT
0.55Kgs
SAFETY STANDARDS
UL1012, TUV EN60950, IEC950, UL1950 APPROVED
EMC STANDARDS
CISPR22 (EN55022) CLASS B, IEC801-2,3,4, IEC555-2 VERIFICATION
NOTE : 1.ALL PARAMETERS ARE SPECIFIED AT 230VAC INPUT, RATED LOAD, 25ºC 70% RH. AMBIENT.
2.TOLERANCE GINCLUDE SET UP TOLERANCE, LINE REGULATION, LOAD REGULATION.
3.RIPPLE & NOISE ARE MEASURED AT 20MHz BY USING A 12" TWISTED PAIR TERMINATED WITH A 0.1uF & 47uF CAPACITOR.
4.LINE REGULATION IS MEASURED FROM LOW LINE TO HIGH LINE AT RATED LOAD.
5.LOAD REGULATION IS MEASURED FROM 20% TO 100% RATED LOAD, AND OTHER OUTPUT AT 60% RATED LOAD.
6.EACH OUTPUT PROVIDE UP TO MAXIMUM CURRENT, BUT TOTAL LOAD CAN NOT EXCEED MAX. OUTPUT POWER.
7.C2,3,6 MUST BE REMOVED.
2000-10-03
TOTAL POWER INT.
D60 AC-DC 60W POWER SUPPLY WITH DUAL OUTPUT


Número de pieza similar - D-60B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
D-60B MEANWELL-D-60B Datasheet
385Kb / 2P
   60W Dual Output Switching Power Supply
logo
XP Power Limited
D-60B XPPOWER-D-60B Datasheet
258Kb / 4P
   60W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
D-60B RSG-D-60B Datasheet
159Kb / 2P
   60W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-60B MEANWELL-D-60B Datasheet
392Kb / 2P
   60W Dual Output Switching Power Supply
More results

Descripción similar - D-60B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
T-60 TOTAL-POWER-T-60 Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
Delta Electronics, Inc.
DPS-60AP-5A DELTA-DPS-60AP-5A Datasheet
1Mb / 3P
   Total power 60W
DPS-60AP-5-A DELTA-DPS-60AP-5-A Datasheet
1Mb / 3P
   Total power 60W
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60 Datasheet
385Kb / 2P
   60W Dual Output Switching Power Supply
D-60 MEANWELL-D-60_10 Datasheet
392Kb / 2P
   60W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
D-60A RSG-D-60A Datasheet
159Kb / 2P
   60W Dual Output Switching Power Supply
logo
XP Power Limited
D-60A XPPOWER-D-60A Datasheet
258Kb / 4P
   60W Dual Output Switching Power Supply
logo
Toppower Electronic Tec...
TPCGZM-60-T05D15 TOPPOWER-TPCGZM-60-T05D15 Datasheet
363Kb / 4P
   60W Wide input Triple output AC/DC switching power supply
logo
Mean Well Enterprises C...
ID-60B MEANWELL-ID-60B_10 Datasheet
393Kb / 2P
   60W Isolated Dual Output Switching Power Supply
ID-60B MEANWELL-ID-60B Datasheet
386Kb / 2P
   60W Isolated Dual Output Switching Power Supply
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com