Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSAU201 Datasheet(PDF) 1 Page - Total Power International

No. de pieza MSAU201
Descripción Electrónicos  1 Watts Ultra Miniature SMD DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU201 Datasheet(HTML) 1 Page - Total Power International

  MSAU201 Datasheet HTML 1Page - Total Power International MSAU201 Datasheet HTML 2Page - Total Power International MSAU201 Datasheet HTML 3Page - Total Power International MSAU201 Datasheet HTML 4Page - Total Power International MSAU201 Datasheet HTML 5Page - Total Power International MSAU201 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 Watts Ultra Miniature SMD DC/DC Converters
Dual Outputs
Key Features
l Lead Frame Technology
l CECC00802 Reflow ( 280])
l Wide Temperature Performance
l I / O Isolation 1000VDC
l Efficiency Up To 82%
l MTBF > 2,000,000 Hours
Mechanical Configuration & Pin Connections
MSAU200 Series
NA : Not available for
electrical connection
All dimensions in mm
15.24 +/- 0.25
8.0 +/- 0.1
0.7 +/- 0.1
+ Vin
- Vin
- Vo
+ Vo
Com.
NA
NA
NA
NA
NA
Pin 1
10.16 +/- 0.1
6.7+/- 0.1
2.0 +/- 0.1
0.25 +0 /- 0.15
2.54 +/- 0.1
6.5 +/- 0.1
7.0 +/- 0.1
9.0 +/- 0.2
11.0 +/- 0.2
1C
S
Seating Plane
0.30
0.20
1.20
0.90
0.50
+/- 5.00O
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-
TOTAL POWER INT'L


Número de pieza similar - MSAU201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minmax Technology Co., ...
MSAU201 MINMAX-MSAU201 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
MSAU201 MINMAX-MSAU201 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU201 TOTAL-POWER-MSAU201 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSAU201201201 MINMAX-MSAU201201201 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
More results

Descripción similar - MSAU201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100 Datasheet
184Kb / 6P
   MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
logo
MicroPower Direct, LLC
I500RU MPD-I500RU Datasheet
165Kb / 2P
   4:1 Input, 5W Ultra-Miniature DC/DC Converters
MH600RU MPD-MH600RU Datasheet
417Kb / 2P
   Wide 4:1 Input Ultra-Miniature, 6W DC/DC Converters
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
   Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
I2000RW MPD-I2000RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
   Low Cost, 1W Ultra-Miniature DC/DC Converters
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
   Wide Input, 3W Ultra-Miniature DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
   Low Cost, 1W, Ultra-Miniature DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com