Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPAM05S-180030 Datasheet(PDF) 2 Page - Total Power International

No. de pieza TPAM05S-180030
Descripción Electrónicos  PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 5-WATTS SINGLE AND DUAL OUTPUT TPAM05S AND TPAM05D SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAM05S-180030 Datasheet(HTML) 2 Page - Total Power International

  TPAM05S-180030 Datasheet HTML 1Page - Total Power International TPAM05S-180030 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image



  TP      






"






    




     





  


$) *!+,%

 !-
 

 
 
 
!0 




  F5 !-/ 50A
TP 
   
TP 
   
TP 
   
TP !    !
TP     !
TP     
TP     

  
1!0 




!2. 
  F5 !-/ .G F5 !-/ .G
TP !
    
!
    
TP 
    

    
TP 
   !

   !
TP     
    
TP "    
"    
  
.
  ! !!"  #$ %&"$' 
("! &"$  $) &$!#"!!
*#'" +,-)"../,0

 
%##!/ )#. 
3& 
%#40/ 26"3 26"3
%#42/ 30"6: 30"6:
%#45/ :/30
:/30
%#46/ C
C
%#47/ 3
.
%#48/ .



&))9&:0
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


Número de pieza similar - TPAM05S-180030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPAM05S-180030 TOTAL-POWER-TPAM05S-180030 Datasheet
417Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
More results

Descripción similar - TPAM05S-180030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPAM10S TOTAL-POWER-TPAM10S Datasheet
207Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 10-WATTS SINGLE AND DUAL OUTPUT TPAM10S AND TPAM10D SERIES
TPAM16S TOTAL-POWER-TPAM16S Datasheet
266Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 16-WATTS SINGLE AND DUAL OUTPUT TPAM16S AND TPAM16D SERIES
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
Total Power Internation...
TPAM15S TOTAL-POWER-TPAM15S Datasheet
252Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT TPAM15S SERIES
TPAM05S TOTAL-POWER-TPAM05S_17 Datasheet
417Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
logo
HITRON ELECTRONICS CORP...
HAM05S HITRON-HAM05S Datasheet
322Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
HAM16S HITRON-HAM16S Datasheet
359Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
HAS50-D HITRON-HAS50-D Datasheet
335Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com