Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSAU423 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

No. de pieza MSAU423
Descripción Electrónicos  2W, Miniature SMD, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINMAX [Minmax Technology Co., Ltd.]
Página de inicio  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU423 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  MSAU423 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSAU423 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The MSAU400 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
NA:Not Available for Electrical Connection
UL94V-0
:
Flammability
2.2g
:
Weight (Dual Output)
NA
No Pin
10
1.5g
:
Weight (Single Output)
No Pin
NA
8
Molding
:
Case Material
+Vout
No Pin
7
-Vout
+Vout
5
Common
-Vout
4
15.3*9.3*8.9 mm
0.60*0.36*0.35 inches
:
Case Size
(Dual Output)
+Vin
+Vin
2
-Vin
-Vin
1
12.8*9.3*8.9 mm
0.50*0.36*0.35 inches
:
Case Size
(Single Output)
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
MSAU400 Series
6
MINMAX
REV:0 2005/04


Número de pieza similar - MSAU423

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minmax Technology Co., ...
MSAU423 MINMAX-MSAU423 Datasheet
272Kb / 4P
   DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MSAU423 MINMAX-MSAU423 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Total Power Internation...
MSAU423 TOTAL-POWER-MSAU423 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Descripción similar - MSAU423

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF200D MPD-LF200D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
   2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com