Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27213MTDX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM27213MTDX
Descripción Electrónicos  Single Phase Hysteretic Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27213MTDX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM27213MTDX Datasheet HTML 1Page - National Semiconductor (TI) LM27213MTDX Datasheet HTML 2Page - National Semiconductor (TI) LM27213MTDX Datasheet HTML 3Page - National Semiconductor (TI) LM27213MTDX Datasheet HTML 4Page - National Semiconductor (TI) LM27213MTDX Datasheet HTML 5Page - National Semiconductor (TI) LM27213MTDX Datasheet HTML 6Page - National Semiconductor (TI) LM27213MTDX Datasheet HTML 7Page - National Semiconductor (TI) LM27213MTDX Datasheet HTML 8Page - National Semiconductor (TI) LM27213MTDX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VDD, DVDD XPOK,
VR_ON, DE_EN#, VOVP,
VBOOT, VID0 to VID5,
STP_CPU#, SLP, VSLP,
VSTP, SENSE, CMP1,
CMP2, CMPREF, ILIM1,
ILIM2, ILIMREF
-0.3V to 7V
PGOOD
-0.3V to 6V
SW to GND (Note 6)
-2V to 30V
CBOOT to SW
-0.3V to 8V
Power Dissipation
TSSOP, TA = 25˚C, (Note
2)
1.56W
SQA, TA = 25˚C, (Note 2)
4.9W
Junction Temperature
+150˚C
Functional Temp. Range
-20˚C to +110˚C
ESD Rating (Note 4)
2kV
Storage Temp Range
-65˚C to +150˚C
Soldering Dwell Time,
Temperature
Wave
Infrared
Vapor Phase
4sec, 260˚C
10sec, 240˚C
75sec, 219˚C
Operating Ratings (Note 1)
VDD
4.75V to 6V
Junction Temperature
-5˚C to +110˚C
Ambient Temperature
-5˚C to +105˚C
Electrical Characteristics Specifications with standard typeface are for T
J = 25˚C, and those in bold face
type apply over a junction temperature range of -5˚C to +110˚C. Unless otherwise specified, VDD = 5V, SGND = DGND =
PGND = SRCK = 0V, unless otherwise stated. (Note 5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Chip Supply
I
sd
VDD Shutdown Current
VR_ON = 0V, VDD = 6V
1
10
µA
I
q
VDD Normal Operating Current
VR_ON = 3.3V
3
4.2
mA
UVLO Threshold
VDD = V5A = V5B, rising from 0V
4
4.3
4.5
V
UVLO Hysteresis
VDD = V5A = V5B falling from UVLO
Threshold
0.2
0.66
V
Logic
V
LH
VR_ON, STP_CPU#, XPOK and SLP
Input Logic High
VR_ON, STP_CPU#, XPOK or SLP
rising from 0V
2.31
1.9
V
V
LL
VR_ON, STP_CPU#, XPOK and SLP
Input Logic Low
VR_ON, STP_CPU#, XPOK or SLP
falling from 3.3V
1.43
0.99
V
CLK_EN# Sink Current
CLK_EN# = 0.1V and asserted
2.5
7mA
Power Good
V
PGH
Power Good Upper Threshold As A
Percentage of VREF
SENSE voltage rising from 0V
108
114
119
%
V
PGL
Power Good Lower Threshold As A
Percentage of VREF
SENSE voltage falling from above
VREF
85
88
91
%
Hysteresis
5%
t
dpgood
Power Good Delay
3µs
I
pgood
PGOOD Sink Current
PGOOD = 0.1V and asserted
2.5
7mA
Output Voltage Slew Rate Control
I
ss(on)
Soft Start Current
SS = 0V
16
22
32
µA
I
ss(off)
Soft Shutdown Current
33
45
57
µA
I
ss(slew)
VID and Mode Change Slew Rate
Control Current
255
337
415
µA
DAC and References
VID
LH
VID Pins Input Logic High
0.63
0.56
V
VID
LL
VID Pins Input Logic Low
0.48
0.315
V
www.national.com
5


Número de pieza similar - LM27213MTDX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27213MTDX/NOPB TI-LM27213MTDX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
More results

Descripción similar - LM27213MTDX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27213 TI-LM27213_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
logo
National Semiconductor ...
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
   Two-Phase Current-Mode Hysteretic Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com