Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSPRC032AG Datasheet(PDF) 5 Page - California Micro Devices Corp

No. de pieza CSPRC032AG
Descripción Electrónicos  4 Channel EMI Filter Network
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CALMIRCO [California Micro Devices Corp]
Página de inicio  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPRC032AG Datasheet(HTML) 5 Page - California Micro Devices Corp

  CSPRC032AG Datasheet HTML 1Page - California Micro Devices Corp CSPRC032AG Datasheet HTML 2Page - California Micro Devices Corp CSPRC032AG Datasheet HTML 3Page - California Micro Devices Corp CSPRC032AG Datasheet HTML 4Page - California Micro Devices Corp CSPRC032AG Datasheet HTML 5Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
11/09/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
5
CSPRC032A
Mechanical Details
CSP Mechanical Specifications
The CSPRC032A is offered in a custom Chip Scale
Package (CSP). Dimensions are presented below. For
complete information on CMD’s Chip Scale Packaging,
see the California Micro Devices CSP Package Infor-
mation document.
Package Dimensions for
CSPRC032A 9-bump Chip Scale Package
CSP Tape and Reel Specifications
Figure 4. Tape and Reel Mechanical Data
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
9
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
0.940
0.985
1.030
0.0370 0.0388 0.0406
A2
2.440
2.485
2.530
0.0961 0.0978 0.0996
B1
0.495
0.500
0.505
0.0195 0.0197 0.0199
B2
0.495
0.500
0.505
0.0195 0.0197 0.0199
C1
0.1925 0.2425 0.2925 0.0076 0.0095 0.0115
C2
0.1925 0.2425 0.2925 0.0076 0.0095 0.0115
D1
0.561
0.605
0.649
0.0221 0.0238 0.0256
D2
0.355
0.380
0.405
0.0140 0.0150 0.0160
# per tape
and reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
4
5
B
C1
B1
A1
D1
D2
BOTTOM VIEW
SIDE
VIEW
A
1
2
3
DIMENSIONS IN MILLIMETERS
A
B
0.30 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)
PART NUMBER
PKG. SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIA.
QTY
PER
REEL
P0
P1
CSPRC032A
2.485 X 0.985 X 0.605
2.62 X 1.12 X 0.762
8mm
178mm (7")
3500
4mm
4mm
Top
For tape feeder reference
Cover
Tape
P1
only including draft.
Concentric around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo


Número de pieza similar - CSPRC032AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Micro Device...
CSPRC032 CALMIRCO-CSPRC032 Datasheet
44Kb / 3P
   CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
More results

Descripción similar - CSPRC032AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Micro Device...
CM1300 CALMIRCO-CM1300 Datasheet
232Kb / 5P
   4 Channel EMI Filter Network
logo
ON Semiconductor
NUF4402MN ONSEMI-NUF4402MN_09 Datasheet
171Kb / 6P
   4-Channel EMI Filter
August, 2009 ??Rev. 3
NUF4401MN ONSEMI-NUF4401MN_13 Datasheet
133Kb / 6P
   4-Channel EMI Filter
February, 2013 ??Rev. 2
NUF4001MU ONSEMI-NUF4001MU_17 Datasheet
71Kb / 6P
   4-Channel EMI Filter
February, 2017 ??Rev. 8
CM1421 ONSEMI-CM1421 Datasheet
663Kb / 8P
   4-Channel LCD EMI Filter Array
March, 2011 ??Rev. 3
logo
California Micro Device...
CSPRC032 CALMIRCO-CSPRC032 Datasheet
44Kb / 3P
   CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
CSPRC030 CALMIRCO-CSPRC030 Datasheet
44Kb / 3P
   CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
logo
ON Semiconductor
CSPEMI307A ONSEMI-CSPEMI307A_11 Datasheet
807Kb / 8P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
May, 2011 ??Rev. 3
logo
NXP Semiconductors
IP3253CZ16-8-TTL NXP-IP3253CZ16-8-TTL Datasheet
362Kb / 13P
   Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
Rev. 1-5 May 2011
logo
Vishay Siliconix
VEMI45AB-HNH VISHAY-VEMI45AB-HNH_V01 Datasheet
118Kb / 6P
   4-Channel EMI-Filter with ESD-Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com