Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF20A60 Datasheet(PDF) 1 Page - SemiWell Semiconductor

No. de pieza STF20A60
Descripción Electrónicos  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIWELL [SemiWell Semiconductor]
Página de inicio  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

STF20A60 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  STF20A60 Datasheet HTML 1Page - SemiWell Semiconductor STF20A60 Datasheet HTML 2Page - SemiWell Semiconductor STF20A60 Datasheet HTML 3Page - SemiWell Semiconductor STF20A60 Datasheet HTML 4Page - SemiWell Semiconductor STF20A60 Datasheet HTML 5Page - SemiWell Semiconductor STF20A60 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings ( TJ = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.S On-State Current
TC = 66 °C
20
A
ITSM
Surge On-State Current
One Cycle, 50Hz/60Hz, Peak,
Non-Repetitive
183/200
A
I2t
I2t
165
A2s
PGM
Peak Gate Power Dissipation
5.0
W
PG(AV)
Average Gate Power Dissipation
0.5
W
IGM
Peak Gate Current
2.0
A
VGM
Peak Gate Voltage
10
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
Mass
2.0
g
Aug, 2003. Rev. 2
Features
Repetitive Peak Off-State Voltage : 600V
R.M.S On-State Current ( IT(RMS)= 20 A )
High Commutation dv/dt
Isolation Voltage ( VISO = 1500V AC )
General Description
This device is fully isolated package suitable for AC switching
application, phase control application such as fan speed and
temperature modulation control, lighting control and static
switching relay.
This device is approved to comply with applicable require-
ments by Underwriters Laboratories Inc.
2.T2
3.Gate
1.T1
Symbol
▼▲
1/6
STF20A60
SemiWell Semiconductor
Bi-Directional Triode Thyristor
UL : E228720
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved
TO-220F
1
2
3


Número de pieza similar - STF20A60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22.TC SEMTECH-STF201-22.TC Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22.TCT SEMTECH-STF201-22.TCT Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
STF201-22TC SEMTECH-STF201-22TC Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
More results

Descripción similar - STF20A60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
logo
Shenzhen Winsemi Microe...
WTF12A60 WINSEMI-WTF12A60 Datasheet
489Kb / 6P
   Bi-Directional Triode Thyristor
WTPA24A60BW WINSEMI-WTPA24A60BW Datasheet
382Kb / 5P
   Bi-Directional Triode Thyristor
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
logo
SemiWell Semiconductor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com