Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD4C541 Datasheet(PDF) 2 Page - Solid State Optronic

No. de pieza AD4C541
Descripción Electrónicos  Dual 1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C541 Datasheet(HTML) 2 Page - Solid State Optronic

  AD4C541 Datasheet HTML 1Page - Solid State Optronic AD4C541 Datasheet HTML 2Page - Solid State Optronic AD4C541 Datasheet HTML 3Page - Solid State Optronic AD4C541 Datasheet HTML 4Page - Solid State Optronic AD4C541 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AD4C541
Dual 1 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
2.5
5
Io = 700mA
A
Turn-Off Current
m
0.5
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
60
Io = 1uA
Continuous Load Current
m
700
If = 5mA, (Single Pole)
A
On-Resistance
0.75
1
Io = 700mA
Leakage Current
µ
0.2
1
Vo = 60V
A
Output Capacitance
p
125
200
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 5mA
V
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Turn-On Time
m
1.25
5
If = 5mA, Io = 700mA
s
Turn-Off Time
m
0.25
2
If = 5mA, Io = 700mA
s
Isolation Resistance
G
100
Coupled Capacitance
p
2
F
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 5
AD4C541
rev 1.40 (10/25/2004)


Número de pieza similar - AD4C541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
More results

Descripción similar - AD4C541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532FP VISHAY-LH1532FP_11 Datasheet
106Kb / 6P
   Dual 1 Form A Solid State Relay
Rev. 1.6, 07-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com