Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA0104A Datasheet(PDF) 1 Page - Tripath Technology Inc.

No. de pieza TA0104A
Descripción Electrónicos  STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPATH [Tripath Technology Inc.]
Página de inicio  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0104A Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TA0104A Datasheet HTML 1Page - Tripath Technology Inc. TA0104A Datasheet HTML 2Page - Tripath Technology Inc. TA0104A Datasheet HTML 3Page - Tripath Technology Inc. TA0104A Datasheet HTML 4Page - Tripath Technology Inc. TA0104A Datasheet HTML 5Page - Tripath Technology Inc. TA0104A Datasheet HTML 6Page - Tripath Technology Inc. TA0104A Datasheet HTML 7Page - Tripath Technology Inc. TA0104A Datasheet HTML 8Page - Tripath Technology Inc. TA0104A Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
TA0104A
STEREO 500W (4
Ω) CLASS-T DIGITAL AUDIO AMPLIFIER
DRIVER USING DIGITAL POWER PROCESSING (DPPTM)
TECHNOLOGY
Technical Information
Rev i sion 3.1 – J une 2000
GENERAL DESCRIPTION
T he T A 0104A is a 500W continuous average (4
Ω ), tw o channel Amplifier Driver
Module w h ich uses T r ipath’s proprietary Digital Pow e r Processing (DPP
TM )
technology . Class-T amplifiers offer both the audio fidelity of Class-AB and the
pow er efficiency of Class-D amplifiers.
APPLICATIONS
Audio/Video
Amplifiers/Receivers
Pro-audio Amplifiers
Automobile Power Amplifiers
Subwoofer Amplifiers
BENEFITS
Reduced system cost with smaller/less
expensive power supply and heat sink
Signal fidelity equal to high quality Class-AB
amplifiers
High dynamic range compatible with digital
media such as CD and DVD
Features
Class-T architecture
Proprietary Digital Power Processing
technology
Supports wide range of output power levels
“Audiophile” Sound Quality
0.02% THD+N @ 300W, 8
0.02% IHF-IM @ 100W, 8
350W @ 8
Ω, 0.1% THD+N, Vs = +90V
500W @ 4
Ω, 0.1% THD+N, Vs = +90V
High Power
450W @ 8
Ω, 1% THD+N, Vs = +90V
750W @ 4
Ω, 1% THD+N, Vs = +90V
High Efficiency
90% @ 400W @ 8
Ω, Vs = +75V
85% @ 600W @ 4
, Vs = +75V
Dynamic Range = 106 dB
Requires only N-Channel MOSFET output transistors
High power supply rejection ratio
Mute input
Outputs short-circuit protected
Over- and under-voltage protection
Bridgeable, single-ended outputs
38-pin quad package
Supports 100kHz BW of Super Audio CD and DVD-
Audio (Refer to Application Note for specifics)
TYPICAL PERFORMANCE AT +90V
THD+N vs Output Power
Output Power (W)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
0.005
0.001
0.002
20Hz - 22kHz BW
f = 1kHz
BBM = 25nS
V
S = +/-90V
Av = 200
ST STW38NB20 MOSFET
R
L = 4Ω
R
L = 8Ω
1
500
2
5
10
20
50
100
200
1K
1
TA104A – Rev. 3.1/06.00


Número de pieza similar - TA0104A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

Descripción similar - TA0104A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripath Technology Inc.
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com