Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

F0100604B Datasheet(PDF) 3 Page - Eudyna Devices Inc

No. de pieza F0100604B
Descripción Electrónicos  10 Gb/s Receiver Transimpedance Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100604B Datasheet(HTML) 3 Page - Eudyna Devices Inc

  F0100604B Datasheet HTML 1Page - Eudyna Devices Inc F0100604B Datasheet HTML 2Page - Eudyna Devices Inc F0100604B Datasheet HTML 3Page - Eudyna Devices Inc F0100604B Datasheet HTML 4Page - Eudyna Devices Inc F0100604B Datasheet HTML 5Page - Eudyna Devices Inc F0100604B Datasheet HTML 6Page - Eudyna Devices Inc F0100604B Datasheet HTML 7Page - Eudyna Devices Inc F0100604B Datasheet HTML 8Page - Eudyna Devices Inc F0100604B Datasheet HTML 9Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
F0100604B
10 Gb/s Transimpedance Amplifier
Block Diagram
Die Pad Description
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
V
S
S
e
g
a
t
l
o
V
y
l
p
p
u
S
D
N
Gd
n
u
o
r
G
N
It
u
p
n
I
T
U
Ot
u
p
t
u
O
OUT
VDD
VSS
GND
IN
Level Shift
Buffer


Número de pieza similar - F0100604B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
More results

Descripción similar - F0100604B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1050W SIGE-SE1050W Datasheet
133Kb / 11P
   LightCharger??10 Gb/s Transimpedance Amplifier Final
logo
Vitesse Semiconductor C...
VSC7997 VITESSE-VSC7997 Datasheet
425Kb / 2P
   10.7 Gb/s Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA121302D1C ANADIGICS-ATA121302D1C Datasheet
147Kb / 5P
   1.25 GB/S TRANSIMPEDANCE AMPLIFIER
logo
Eudyna Devices Inc
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1020W SIGE-SE1020W Datasheet
272Kb / 7P
   1.25 Gb/s Transimpedance Amplifier Product Preview
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com