Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSL250 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TSL250
Descripción Electrónicos  LIGHT-TO-VOLTAGE OPTICAL SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSL250 Datasheet(HTML) 5 Page - Texas Instruments

  TSL250 Datasheet HTML 1Page - Texas Instruments TSL250 Datasheet HTML 2Page - Texas Instruments TSL250 Datasheet HTML 3Page - Texas Instruments TSL250 Datasheet HTML 4Page - Texas Instruments TSL250 Datasheet HTML 5Page - Texas Instruments TSL250 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSL250, TSL251, TSL252
LIGHT-TO-VOLTAGE OPTICAL SENSORS
SOES004C – AUGUST 1991 – REVISED NOVEMBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The photodiode/amplifier chip is packaged in a clear plastic three-leaded package. The integrated photodiode active
area is typically 1,0 mm2 (0.0016 in2) for TSL250, 0,5 mm2 (0.00078 in2) for the TSL251, and 0,26 mm2 (0.0004 in2)
for the TSL252.
2,25 (0.089)
1,75 (0.069)
0,75 (0.030)
0,65 (0.026)
0,635 (0.025)
0,4 (0.016)
2,0 (0.079) T.P.†
4,0 (0.157) T.P.†
1
2
3
15,7 (0.619)
13,2 (0.520)
0,86 (0.034)
0,46 (0.018)
2,05 (0.081)
1,55 (0.061)
3,05 (0.120)
2,55 (0.100)
4,8 (0.189)
4,4 (0.173)
0,75 (0.030) R
0,85 (0.033)
0,35 (0.014)
2,74 (0.108)
2,34 (0.092)
5,05 (0.199)
4,55 (0.179)
4,85 (0.191)
4,35 (0.171)
4,35 (0.171)
3,85 (0.152)
Pin 1
GND
Pin 2
VDD
Pin 3
OUT
1
2
3
0,51 (0.02)
0,385 (0.015)
1,25 (0.049)
0,75 (0.029)
1,75 (0.069)
1,25 (0.049)
0,65 (0.026)
0,55 (0.022)
† True position when unit is installed.
NOTES: A. All linear dimensions are in millimeters (inches).
B. This drawing is subject to change without notice.
Figure 7. Mechanical Data


Número de pieza similar - TSL250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
TSL250 MACOM-TSL250 Datasheet
323Kb / 22P
   PolySwitch Resettable Devices Telecommunications & Networking Devices
TSL250-080 MACOM-TSL250-080 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
logo
List of Unclassifed Man...
TSL250-080 ETC2-TSL250-080 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
TSL250-080F MACOM-TSL250-080F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
TSL250-080F MACOM-TSL250-080F Datasheet
323Kb / 22P
   PolySwitch Resettable Devices Telecommunications & Networking Devices
More results

Descripción similar - TSL250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
List of Unclassifed Man...
TSL250R ETC-TSL250R Datasheet
95Kb / 8P
   LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
   Light-to-Voltage Optical Sensors
2016-May-30
logo
TEXAS ADVANCED OPTOELEC...
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL260R TAOS-TSL260R Datasheet
209Kb / 14P
   INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL260 TI1-TSL260 Datasheet
133Kb / 9P
[Old version datasheet]   IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
1996
logo
List of Unclassifed Man...
TSL262R ETC1-TSL262R Datasheet
91Kb / 8P
   INFRARED LIGHTTOVOLTAGE OPTICAL SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com