Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5059VF Datasheet(PDF) 1 Page - Eudyna Devices Inc

No. de pieza FMM5059VF
Descripción Electrónicos  Ku Band Power Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5059VF Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FMM5059VF Datasheet HTML 1Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 2Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 3Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 4Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 5Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 6Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 7Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 8Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ku Band Power Amplifier MMIC
FEATURES
・High Output Power: 35.0dBm(typ.)
・High Linear Gain: 29.0dB(typ.)
・Low Input VSWR
・Broad Band: 13.75-14.5GHz
・Impedance Matched Zin/Zout = 50
・Small Hermetic Metal-Ceramic Package(VF-pkg)
Edition 1.0
July 2004
1
FMM5059VF
DESCRIPTION
The FMM5059VF is a MMIC amplifier that contains a three-stage amplifier,
internally matched, for standard communications in the 13.75 to 14.5GHz
frequency range. This product is well suited for VSAT applications as it offers
high power, high gain, and low VSWR.
Eudyna’s stringent Quality Assurance Program assures the highest reliability and consistent performance.
Device
の写真
ABSOLUTE MAXIMUM RATING
Item
Symbol
Unit
DC Input Voltage
VDD
V
DC Input Voltage
VGG
V
Input Power
Pin
dBm
Storage Temperature
Tstg
oC
RECOMMENDED OPERATING CONDITION
Item
Symbol
Unit
DC Input Voltage
VDD
V
Operating Case Temperature
Tc
oC
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25
o
C)
Min.
Typ. Max.
Gate Bias Voltage
VGG(DC)
-0.50
-0.25
-0.01
V
Output Power at 1dB G.C.P.
P1dB
34.0
35.0
-
dBm
Power Gain at 1dB G.C.P.
G1dB
26.0
28.0
-
dB
Drain Current at P1dB
IDD(RF)
-
1600
1900
mA
Power Added Efficiency at P1dB
ηηηηadd
-
28
-
%
Gain Flatness
∆∆∆∆G-
1.5
2.0
dB
Input Return Loss
RLin
--10
-6
dB
Output Return Loss
RLout
--14
-8
dB
Intermodulation Distortion
IM3
∆∆∆∆f=10MHz
2-Tone Test
Pout=25.5dBm S.C.L.
-26
-29
-
dBc
G.C.P.:Gain Compression Point
S.C.L.:Single Carrire Level
ESD
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5k
Ω)
CASE STYLE
Unit
VF
Class 0
~ 199V
Pin<-5dBm
VDD=7V
IDD=1300mA(typ.)
f =13.75-14.50GHz
Item
Symbol
Condition
Limit
-55 to +125
-40 to +85
Condition
<=8
Rating
+10
-3
+26


Número de pieza similar - FMM5059VF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5051VF EUDYNA-FMM5051VF Datasheet
117Kb / 4P
   13.75-14.5GHz Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
   MMIC Power Amplifier
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5056VF EUDYNA-FMM5056VF Datasheet
318Kb / 8P
   5.8-7.2GHz Power Amplifier MMIC
More results

Descripción similar - FMM5059VF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com