Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5059VF Datasheet(PDF) 11 Page - Eudyna Devices Inc

No. de pieza FMM5059VF
Descripción Electrónicos  Ku Band Power Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5059VF Datasheet(HTML) 11 Page - Eudyna Devices Inc

Back Button FMM5059VF Datasheet HTML 7Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 8Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 9Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 10Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 11Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 12Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 13Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 14Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 15Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Ku Band Power Amplifier MMIC
FMM5059VF
■ S-PARAMETER
Vdd=7.0V , Idd=1300mA
Frequency
S11
S21
S12
S22
[ GHz ]
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.00
0.982
-36.6
0.042
30.9
0.000
146.3
0.984
-44.5
2.00
0.953
-72.0
0.065
138.5
0.000
-172.8
0.928
-85.0
3.00
0.959
-103.2
0.035
61.9
0.001
168.3
0.922
-121.3
4.00
0.961
-134.0
0.009
105.6
0.001
142.4
0.941
-160.0
5.00
0.937
-170.6
0.037
95.6
0.003
102.7
0.907
154.2
6.00
0.929
149.5
0.105
67.6
0.002
51.0
0.865
104.8
7.00
0.922
114.1
0.580
32.6
0.001
-6.4
0.848
54.8
8.00
0.912
82.4
3.917
-91.8
0.001
-68.7
0.786
4.6
9.00
0.901
47.7
6.752
134.7
0.002
-112.5
0.682
-47.2
10.00
0.873
12.5
8.466
20.7
0.005
-172.0
0.468
-108.9
11.00
0.841
-16.8
10.539
-78.4
0.003
169.2
0.087
178.1
12.00
0.871
-49.0
14.729
-175.5
0.005
132.1
0.254
-30.0
13.00
0.778
-91.8
26.724
79.0
0.004
77.8
0.303
-88.6
13.25
0.699
-107.9
31.697
47.4
0.003
59.8
0.238
-101.9
13.50
0.565
-125.6
37.651
12.9
0.002
57.7
0.160
-104.4
13.55
0.531
-129.8
38.949
5.7
0.001
59.4
0.149
-103.3
13.60
0.500
-134.1
40.388
-1.7
0.001
66.8
0.137
-101.8
13.65
0.466
-138.8
41.719
-9.5
0.001
69.9
0.128
-99.7
13.70
0.426
-144.2
43.073
-17.3
0.001
76.1
0.119
-96.3
13.75
0.388
-149.7
44.407
-26.0
0.001
83.2
0.111
-92.6
13.80
0.351
-155.8
45.614
-34.5
0.001
92.8
0.109
-86.8
13.85
0.309
-162.4
46.435
-43.1
0.001
93.9
0.107
-82.4
13.90
0.266
-170.5
47.323
-51.7
0.001
97.0
0.109
-77.9
13.95
0.224
-178.8
47.744
-60.7
0.002
98.8
0.112
-73.9
14.00
0.182
171.4
47.876
-69.5
0.002
100.4
0.118
-70.9
14.05
0.142
157.7
48.039
-78.4
0.002
102.0
0.123
-70.1
14.10
0.111
138.8
47.799
-87.2
0.002
100.5
0.129
-70.7
14.15
0.087
110.5
47.734
-96.0
0.002
99.4
0.134
-71.7
14.20
0.087
77.2
47.097
-104.8
0.002
99.4
0.137
-73.2
14.25
0.105
51.7
46.356
-113.6
0.002
97.4
0.138
-75.3
14.30
0.132
34.4
45.410
-122.0
0.002
94.2
0.141
-77.5
14.35
0.160
22.1
44.288
-130.6
0.002
93.3
0.140
-80.2
14.40
0.187
13.1
43.248
-138.6
0.003
91.4
0.138
-83.3
14.45
0.212
5.8
42.185
-146.7
0.003
88.9
0.135
-86.4
14.50
0.238
-0.2
40.951
-154.6
0.003
87.1
0.130
-89.1
14.75
0.340
-23.5
35.392
167.6
0.003
77.6
0.095
-106.0
15.00
0.412
-39.9
30.342
132.3
0.003
67.7
0.049
-129.7
16.00
0.579
-98.0
15.931
-5.1
0.006
38.3
0.123
24.9
17.00
0.843
-151.0
6.425
-139.1
0.022
-41.8
0.199
-88.7
18.00
0.751
171.8
1.709
115.9
0.009
-157.0
0.289
155.2
19.00
0.832
153.1
0.604
27.5
0.004
150.9
0.371
114.4
20.00
0.902
137.2
0.288
-62.7
0.006
141.9
0.324
53.7


Número de pieza similar - FMM5059VF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5051VF EUDYNA-FMM5051VF Datasheet
117Kb / 4P
   13.75-14.5GHz Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
   MMIC Power Amplifier
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5056VF EUDYNA-FMM5056VF Datasheet
318Kb / 8P
   5.8-7.2GHz Power Amplifier MMIC
More results

Descripción similar - FMM5059VF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com