Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5715X Datasheet(PDF) 5 Page - Eudyna Devices Inc

No. de pieza FMM5715X
Descripción Electrónicos  60GHz Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5715X Datasheet(HTML) 5 Page - Eudyna Devices Inc

  FMM5715X Datasheet HTML 1Page - Eudyna Devices Inc FMM5715X Datasheet HTML 2Page - Eudyna Devices Inc FMM5715X Datasheet HTML 3Page - Eudyna Devices Inc FMM5715X Datasheet HTML 4Page - Eudyna Devices Inc FMM5715X Datasheet HTML 5Page - Eudyna Devices Inc FMM5715X Datasheet HTML 6Page - Eudyna Devices Inc FMM5715X Datasheet HTML 7Page - Eudyna Devices Inc FMM5715X Datasheet HTML 8Page - Eudyna Devices Inc FMM5715X Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
S-PARAMETERS
VDD = 3V, VGG = 0V, IDD= 150 mA
60GHz Power Amplifier
FMM5715X
Freq.
Freq.
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1
0.621
-14.4
0.017
-120.8
0.00014
-72.6
0.997
-11.7
51
0.539
63.0
7.091
-170.0
0.00306
86.8
0.239
126.3
2
0.594
-27.8
0.031
163.7
0.00010
99.9
0.994
-23.8
52
0.474
51.1
7.366
164.1
0.00443
77.6
0.203
119.0
3
0.557
-39.5
0.075
95.4
0.00029
65.9
0.952
-37.4
53
0.406
40.2
7.559
138.8
0.00442
66.8
0.170
112.6
4
0.523
-49.5
0.170
10.6
0.00060
-7.4
0.851
-43.9
54
0.360
29.1
7.621
113.2
0.00520
48.4
0.140
104.9
5
0.496
-57.9
0.290
-71.5
0.00072
-95.9
0.867
-50.7
55
0.327
17.3
7.686
89.6
0.00858
35.4
0.114
94.2
6
0.472
-65.8
0.237
-153.2
0.00037
-155.0
0.884
-57.2
56
0.306
3.3
7.781
64.9
0.00716
3.4
0.092
73.9
7
0.451
-72.3
0.153
164.6
0.00018
155.9
0.913
-65.9
57
0.280
-11.1
7.841
41.7
0.00672
-5.2
0.076
47.1
8
0.436
-77.8
0.110
139.6
0.00012
118.3
0.930
-74.8
58
0.272
-26.2
7.938
17.2
0.00558
-17.1
0.087
14.3
9
0.425
-82.9
0.086
122.5
0.00007
-41.9
0.939
-83.6
59
0.260
-41.3
8.046
-7.1
0.00725
-22.4
0.114
-12.7
10
0.419
-87.5
0.071
109.1
0.00017
-169.4
0.944
-92.3
60
0.250
-52.8
8.118
-32.4
0.00711
-57.6
0.156
-29.2
11
0.416
-91.7
0.056
101.6
0.00015
-161.2
0.938
-101.0
61
0.238
-58.3
8.218
-59.3
0.00784
-84.1
0.214
-39.9
12
0.415
-95.6
0.056
112.7
0.00035
177.6
0.904
-108.5
62
0.258
-59.3
8.207
-86.5
0.00681
-108.3
0.282
-49.9
13
0.416
-99.0
0.074
90.6
0.00032
36.7
0.916
-113.1
63
0.319
-62.2
8.059
-117.0
0.00671
-137.5
0.377
-60.3
14
0.420
-102.4
0.063
70.8
0.00026
8.6
0.938
-120.7
64
0.417
-70.1
7.527
-148.2
0.00818
-168.1
0.475
-73.7
15
0.426
-105.7
0.048
59.9
0.00017
-4.8
0.945
-128.4
65
0.529
-82.9
6.591
-179.3
0.00671
149.7
0.562
-87.0
16
0.431
-108.9
0.030
63.3
0.00059
-101.0
0.943
-136.1
66
0.608
-99.0
5.437
150.7
0.00734
112.2
0.608
-100.5
17
0.439
-111.8
0.026
110.9
0.00032
-106.7
0.934
-144.1
67
0.662
-114.1
4.272
122.6
0.00429
98.2
0.643
-111.5
18
0.449
-115.0
0.044
150.1
0.00101
-142.6
0.913
-151.4
68
0.678
-127.9
3.252
98.8
0.00629
70.4
0.651
-120.4
19
0.457
-118.3
0.135
142.7
0.00121
147.0
0.909
-159.4
69
0.685
-139.7
2.512
77.2
0.00633
70.3
0.647
-127.7
20
0.465
-120.9
0.254
122.9
0.00060
93.4
0.881
-168.6
70
0.672
-149.3
1.962
58.0
0.00578
61.1
0.652
-133.5
21
0.477
-123.9
0.424
99.8
0.00019
167.5
0.834
-178.2
71
0.652
-158.2
1.543
39.8
0.00716
52.8
0.652
-138.5
22
0.488
-126.5
0.668
73.6
0.00028
-175.4
0.765
171.7
72
0.644
-165.6
1.209
23.7
0.00683
33.0
0.656
-143.0
23
0.501
-129.5
0.995
42.7
0.00055
-99.4
0.664
162.6
73
0.628
-171.6
1.007
7.4
0.00710
25.4
0.659
-147.5
24
0.513
-132.1
1.341
8.8
0.00103
-157.2
0.540
155.6
74
0.619
-177.6
0.827
-8.1
0.00660
20.9
0.663
-151.0
25
0.525
-135.2
1.607
-27.4
0.00193
168.1
0.424
154.7
75
0.609
177.7
0.675
-21.7
0.00819
19.7
0.658
-154.5
26
0.541
-137.9
1.713
-62.7
0.00154
159.5
0.355
160.3
76
0.605
172.2
0.562
-34.4
0.00823
14.0
0.665
-158.0
27
0.551
-141.2
1.633
-93.4
0.00174
149.5
0.340
165.3
77
0.611
167.2
0.497
-47.0
0.00701
-4.7
0.667
-160.9
28
0.565
-144.1
1.530
-118.8
0.00157
115.7
0.321
166.5
78
0.608
161.8
0.420
-60.0
0.01034
-3.8
0.663
-163.9
29
0.578
-146.8
1.431
-141.8
0.00233
105.5
0.304
168.0
79
0.600
156.2
0.367
-72.4
0.00994
-20.5
0.673
-166.8
30
0.599
-150.1
1.355
-161.5
0.00132
94.0
0.291
170.1
80
0.602
150.6
0.328
-84.8
0.00836
-20.5
0.674
-169.3
31
0.615
-153.4
1.284
-179.5
0.00094
64.0
0.279
172.7
81
0.599
145.5
0.288
-96.8
0.00812
-35.3
0.675
-172.2
32
0.636
-157.1
1.241
164.4
0.00089
83.0
0.268
174.8
82
0.594
139.6
0.262
-112.8
0.00798
-44.6
0.676
-174.6
33
0.655
-160.8
1.223
148.5
0.00098
118.6
0.264
177.4
83
0.592
134.8
0.233
-123.3
0.00873
-59.2
0.680
-177.4
34
0.671
-165.2
1.221
133.4
0.00110
117.8
0.266
-179.6
84
0.591
129.0
0.214
-136.8
0.01010
-62.9
0.683
-179.3
35
0.693
-169.3
1.249
118.5
0.00084
100.7
0.269
-178.2
85
0.596
122.6
0.179
-147.9
0.00993
-79.3
0.679
178.1
36
0.708
-173.5
1.277
105.4
0.00137
97.6
0.274
-177.0
86
0.592
116.9
0.180
-162.7
0.00722
-97.1
0.683
176.0
37
0.723
-178.4
1.349
91.1
0.00151
101.2
0.282
-176.1
87
0.594
110.4
0.174
-175.5
0.00510
-117.5
0.688
174.2
38
0.733
176.6
1.432
77.2
0.00222
84.0
0.294
-176.7
88
0.588
103.9
0.157
168.8
0.00493
-104.3
0.697
172.0
39
0.752
171.3
1.544
63.4
0.00159
75.6
0.301
-177.0
89
0.591
97.1
0.149
154.2
0.00488
-92.7
0.699
169.4
40
0.764
165.7
1.702
49.2
0.00181
85.4
0.313
-178.1
90
0.584
90.6
0.139
137.5
0.00399
-97.3
0.703
167.0
41
0.775
159.6
1.878
34.0
0.00218
51.3
0.321
179.6
91
0.593
82.6
0.133
123.7
0.00317
-136.6
0.714
164.4
42
0.782
153.3
2.114
19.3
0.00182
70.5
0.327
177.2
92
0.584
75.9
0.123
108.4
0.00200
-111.8
0.712
162.3
43
0.788
146.0
2.388
3.2
0.00176
47.2
0.331
174.1
93
0.586
68.4
0.125
91.0
0.00256
-104.6
0.721
159.8
44
0.787
138.6
2.779
-14.0
0.00248
60.8
0.337
170.8
94
0.583
59.6
0.113
72.3
0.00254
14.5
0.735
157.6
45
0.785
130.4
3.178
-32.0
0.00156
37.4
0.341
166.8
95
0.582
53.5
0.115
52.9
0.00210
-8.0
0.737
154.5
46
0.776
121.7
3.717
-50.8
0.00149
38.9
0.340
162.1
96
0.584
45.5
0.104
27.2
0.00369
-8.0
0.743
151.1
47
0.759
110.9
4.379
-71.9
0.00133
123.7
0.333
155.8
97
0.582
37.5
0.091
13.9
0.00491
-9.6
0.739
147.0
48
0.730
99.9
5.101
-93.8
0.00158
65.1
0.321
148.7
98
0.589
30.9
0.078
-13.9
0.00359
-27.7
0.731
144.9
49
0.680
87.9
5.891
-118.2
0.00239
89.0
0.299
142.1
99
0.587
23.4
0.082
-34.7
0.00488
-22.7
0.715
142.2
50
0.620
75.0
6.554
-143.2
0.00188
97.9
0.275
134.2
100
0.595
15.9
0.057
-63.6
0.00667
-38.3
0.717
141.6
S11
S21
S12
S22
S11
S21
S12
S22
Typical on chip measurements


Número de pieza similar - FMM5715X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
More results

Descripción similar - FMM5715X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
   60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4600 TRIQUINT-TGA4600_15 Datasheet
289Kb / 8P
   60GHz Low Noise Amplifier
logo
Pasternack Enterprises,...
PEM004 PASTERNACK-PEM004 Datasheet
593Kb / 7P
   60GHz Baseboard I/Q Module
logo
Marki Microwave
MEQ6-60A MARKIMICROWAVE-MEQ6-60A Datasheet
315Kb / 5P
   Passive MMIC 60GHz Equalizer
logo
United Monolithic Semic...
CHX2190A UMS-CHX2190A Datasheet
63Kb / 4P
   30-60GHz Frequency Multiplier
CHX2190A UMS-CHX2190A_06 Datasheet
109Kb / 4P
   30-60GHz Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com