Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5715X Datasheet(PDF) 9 Page - Eudyna Devices Inc

No. de pieza FMM5715X
Descripción Electrónicos  60GHz Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUDYNA [Eudyna Devices Inc]
Página de inicio  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5715X Datasheet(HTML) 9 Page - Eudyna Devices Inc

Back Button FMM5715X Datasheet HTML 2Page - Eudyna Devices Inc FMM5715X Datasheet HTML 3Page - Eudyna Devices Inc FMM5715X Datasheet HTML 4Page - Eudyna Devices Inc FMM5715X Datasheet HTML 5Page - Eudyna Devices Inc FMM5715X Datasheet HTML 6Page - Eudyna Devices Inc FMM5715X Datasheet HTML 7Page - Eudyna Devices Inc FMM5715X Datasheet HTML 8Page - Eudyna Devices Inc FMM5715X Datasheet HTML 9Page - Eudyna Devices Inc FMM5715X Datasheet HTML 10Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
60GHz Power Amplifier MMIC
FMM5715X
DIE ATTACH
1) The die-attach station must have accurate temperature control, and an inert forming gas should
be used.
2)Chips should be kept at room temperature except during die-attach.
3) Place package or carrier on the heated stage.
4) Lightly grasp the chip edges by the longer side using tweezers.
Die attach conditions
Stage Temperature : 300 to 310 deg.C
Time : less than 15 seconds
AuSn Perform Volume : per next Figure
WIRE BONDING
The bonding equipment must be properly grounded. The following or equivalent equipment, tools,
materials, and conditions are recommended.
1) Bonding Equipment and Bonding Tool.
Bonding Equipment : West Bond Model 7400 (Manual Bonder)
Bonding Tool : CCOD-1/16-S-437-60-F-2010-MP (Deweyl)
2) Bonding Wire
Material : Hard or Half hard gold
Diameter : 0.7 to 1.0 mil
3) Bonding Conditions
Method : Thermal Compression Bonding with Ultrasonic Power
Tool Force : 0.196 N +/- 0.0196 N
Stage Temperature : 215 deg.C +/- 5 deg.C
Tool Heater : None
Ultrasonic Power Transmitter : West Bond Model 1400
Duration : 150 mS/Bond
0
100
200
300
400
500
012
345
Area of Chip Back Surface (mm^2)
FMM5715X


Número de pieza similar - FMM5715X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
More results

Descripción similar - FMM5715X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
   60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4600 TRIQUINT-TGA4600_15 Datasheet
289Kb / 8P
   60GHz Low Noise Amplifier
logo
Pasternack Enterprises,...
PEM004 PASTERNACK-PEM004 Datasheet
593Kb / 7P
   60GHz Baseboard I/Q Module
logo
Marki Microwave
MEQ6-60A MARKIMICROWAVE-MEQ6-60A Datasheet
315Kb / 5P
   Passive MMIC 60GHz Equalizer
logo
United Monolithic Semic...
CHX2190A UMS-CHX2190A Datasheet
63Kb / 4P
   30-60GHz Frequency Multiplier
CHX2190A UMS-CHX2190A_06 Datasheet
109Kb / 4P
   30-60GHz Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com