Nombre de pieza
         Descripción
C945

 NPN TRANSISTOR ( 1 Page)


STANSON
100% 
Zoom Out Zoom In
   
 1 page
background image
NPN TRANSISTOR
C945
100mA
AF OUTPUT AMPLIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(Ta=25℃)
PARAMETERS
SYMBOL MIN TYP MAX UNIT
CONDITION
Collector-Emitter Breakdown Voltage
BVceo
50
V
Ic=1mA
Collector-Base Breakdown Voltage
BVcbo
60
V
Ic=5uA
Emitter-Base Breakdown Voltage
BVebo
5
V
Ie=50μA
Collector-Base Leakage
Icbo
0.1
uA
Vcb=60V
Emitter-Base Leakage
Iebo
0.1
uA
Veb=5V
Collector-Emitter Saturation Voltage
Vce(sat)
0.18
0.3
V
Ic=100mA, Ib=10mA
DC Current Gain
Hfe
90
200
600
Vce=6.0V,Ic=1.0mA
Collector Current
Ic
100
mA
Current Gain Bandwidth
fT
100
180
MHz
Vce=6V, Ie=10mA
Output Capacitance
Cob
4.5
6.0
pF
Vcb=10V,Ie=0,f=1MHz
Power Dissipation
Pc
0.25
W
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55
125
Classification of Hfe
Rank
R
Q
P
K
Range
90-180
135-270
200-400
300-600
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CMPT3646NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CMST6427EENHANCED SPECIFICATION SURFACE MOUNT SUPERmini SILICON NPN DARLINGTON TRANSISTOR 1 2 Central Semiconductor Corp
CP235Power Transistor NPN - Silicon Power Transistor Chip 1 2 Central Semiconductor Corp
2SC2695NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 3 4 Mitsubishi Electric Semiconductor
CZTA44NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CP312Power Transistor NPN - Amp/Switch Transistor Chip 1 2 Central Semiconductor Corp
2SC3105NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 Mitsubishi Electric Semiconductor
DDC124EUNPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 1 2 3 4 5 Diodes Incorporated
CXT491ESURFACE MOUNT NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
2SC4838NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 3 Mitsubishi Electric Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl