Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST2301 Datasheet(PDF) 3 Page - Stanson Technology

No. de pieza ST2301
Descripción Electrónicos  P Channel Enchancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2301 Datasheet(HTML) 3 Page - Stanson Technology

  ST2301 Datasheet HTML 1Page - Stanson Technology ST2301 Datasheet HTML 2Page - Stanson Technology ST2301 Datasheet HTML 3Page - Stanson Technology ST2301 Datasheet HTML 4Page - Stanson Technology ST2301 Datasheet HTML 5Page - Stanson Technology ST2301 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P Channel Enchancement Mode MOSFET
ST2301
-2.5A
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min Typ Max Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-250uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA -0.45
-1.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=+8V
+100 nA
VDS=-30V,VGS=0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
TJ=55℃
-10
uA
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-4.5V
VDS≦-5V,VGS=-2.5V
-6
-3
A
Drain-source On-Resistance
RDS(on)
VGS=-4.5V,ID=-2.8A
VGS=-2.5V,ID=-2.0A
0.09
0.145
0.12
0.17
Ω
Forward Transconductance
gfs
VDS=-5V,ID=-2.8V
6.5
S
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
5.8
10
Gate-Source Charge
Qgs
0.85
Gate-Drain Charge
Qgd
VDS=-6V,VGS=-4.5V
ID≡-2.8A
1.7
nC
Input Capacitance
Ciss
415
Output Capacitance
Coss
223
Reverse Transfer Capacitance
Crss
VDS=-6V,VGS=0V
F=1MHz
23
pF
13
25
Turn-On Time
td(on)
tr
36
60
42
70
Turn-Off Time
td(off)
tf
VDD=-6V,RL=6Ω
ID=-1A,VGEN=-4.5V
RG=6Ω
34
60
nS
Page 3
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


Número de pieza similar - ST2301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
ST2301 VBSEMI-ST2301 Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
   P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
ST2301A VBSEMI-ST2301A Datasheet
482Kb / 9P
   P-Channel 20-V (D-S) MOSFET
ST2301AS23RG VBSEMI-ST2301AS23RG Datasheet
472Kb / 9P
   P-Channel 20-V (D-S) MOSFET
ST2301DS23RG VBSEMI-ST2301DS23RG Datasheet
472Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Descripción similar - ST2301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stanson Technology
ST2303 STANSON-ST2303 Datasheet
80Kb / 6P
   P Channel Enchancement Mode MOSFET
ST2305 STANSON-ST2305 Datasheet
96Kb / 6P
   P Channel Enchancement Mode MOSFET
ST3403 STANSON-ST3403 Datasheet
148Kb / 7P
   P Channel Enchancement Mode MOSFET
ST2304 STANSON-ST2304 Datasheet
80Kb / 6P
   N Channel Enchancement Mode MOSFET
ST2302 STANSON-ST2302 Datasheet
84Kb / 6P
   N Channel Enchancement Mode MOSFET
ST6006 STANSON-ST6006 Datasheet
201Kb / 8P
   N Channel Enchancement Mode MOSFET
logo
Supertex, Inc
AN01 SUTEX-AN01 Datasheet
160Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode
AP01 SUTEX-AP01 Datasheet
159Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode?
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT
logo
WOLFSPEED, INC.
C3M0040120J1 WOLFSPEED-C3M0040120J1 Datasheet
982Kb / 11P
   Silicon Carbide Power MOSFET C3MTM MOSFET Technology N-Channel Enchancement Mode
Rev. 0, October 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com