Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SZP-3026Z Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza SZP-3026Z
Descripción Electrónicos  2.7-3.8GHz 2W InGaP Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SZP-3026Z Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SZP-3026Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SZP-3026Z Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
6
EDS-104666 Rev B
Preliminary
SZP-3026Z 2.7-3.8GHz 2W Power Amp
Measured 3.4-3.6 GHz Application Circuit Data (Vcc = Vpc = 5.0V, Iq = 460mA, T=25C)
Broadband S11 - Input Return Loss
-25
-20
-15
-10
-5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency(GHz)
-40C
+25C
+85C
Broadband S12 - Reverse Isolation
-40
-35
-30
-25
-20
-15
-10
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency(GHz)
-40C
+25C
+85C
Broadband S21 - Forward Gain
-5
0
5
10
15
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency(GHz)
-40C
+25C
+85C
Broadband S22 - Output Return Loss
-12
-10
-8
-6
-4
-2
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency(GHz)
-40C
+25C
+85C


Número de pieza similar - SZP-3026Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
More results

Descripción similar - SZP-3026Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
   3.3-3.8GHz 2W Power Amplifier
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-3044 SIRENZA-SZA-3044 Datasheet
388Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com