Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC541 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 74VHC541
Descripción Electrónicos  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

74VHC541 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74VHC541 Datasheet HTML 1Page - National Semiconductor (TI) 74VHC541 Datasheet HTML 2Page - National Semiconductor (TI) 74VHC541 Datasheet HTML 3Page - National Semiconductor (TI) 74VHC541 Datasheet HTML 4Page - National Semiconductor (TI) 74VHC541 Datasheet HTML 5Page - National Semiconductor (TI) 74VHC541 Datasheet HTML 6Page - National Semiconductor (TI) 74VHC541 Datasheet HTML 7Page - National Semiconductor (TI) 74VHC541 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics for ’VHC Family Devices
Symbol
Parameter
VCC
(V)
74VHC
74VHC
Units
Conditions
TA e 25 C
TA eb40 C
to a85 C
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Time
33 g03
50
70
10
85
ns
CL e 15 pF
tPHL
75
105
10
120
CL e 50 pF
50 g05
35
50
10
60
ns
CL e 15 pF
50
70
10
80
CL e 50 pF
tPZL
TRI-STATE Output Enable
33 g03
68
105
10
125
ns
RL e 1kX
CL e 15 pF
Time
tPZH
93
140
10
160
CL e 50 pF
50 g05
47
72
10
85
ns
CL e 15 pF
62
92
10
105
CL e 50 pF
tPLZ
TRI-STATE
33 g03
112
154
10
175
ns
RL e 1kX
CL e 50 pF
tPHZ
Output
50 g05
60
88
10
100
CL e 50 pF
Disable Time
tOSLH
Output to Output Skew
33 g03
15
15
ns
(Note 1)
CL e 50 pF
tOSHL
50 g05
10
10
CL e 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC e Open
COUT
Output Capacitance
6
pF
VCC e 50V
CPD
Power Dissipation Capacitance
18
pF
(Note 2)
Note 1
Parameter guaranteed by design tOSLH e
ltPLHmax b tPLHminl tOSHL e ltPHLmax b tPHLminl
Note 2
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load Average
operating current can be obtained by the equation ICC (OPR) e CPD
VCC
fIN a ICC 8 (per bit)
4


Número de pieza similar - 74VHC541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
logo
Fairchild Semiconductor
74VHC541 FAIRCHILD-74VHC541 Datasheet
83Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
293Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
logo
Nexperia B.V. All right...
74VHC541 NEXPERIA-74VHC541 Datasheet
606Kb / 16P
   Octal buffer/line driver; 3-state
More results

Descripción similar - 74VHC541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com