Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYM07-300 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza BYM07-300
Descripción Electrónicos  Surface Mount Glass Passivated Ultrafast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM07-300 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYM07-300 Datasheet HTML 1Page - Vishay Siliconix BYM07-300 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Patented*
BYM07-50 thru BYM07-400, EGL34A thru EGL34G
Vishay Semiconductors
formerly General Semiconductor
Document Number 88580
www.vishay.com
03-Apr-03
1
Surface Mount Glass Passivated
Ultrafast Rectifier
Reverse Voltage 50 to 400V
Forward Current 0.5A
SOLDERABLE ENDS
1st BAND
2nd BAND
0.022 (0.559)
0.016 (0.406)
0.145 (3.683)
0.131(3.327)
D1=
0.066
0.060
(1.676)
(1.524)
D2 = D1 + 0
- 0.008 (0.20)
1st band denotes type and polarity
2nd band denotes voltage type
D2
DO-213AA
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400
Unit
Fast efficient device: 1st band is Green
EGL34A
EGL34B
EGL34C
EGL34D
EGL34F
EGL34G
Polarity color bands (2nd Band)
Gray
Red
Pink
Orange Brown Yellow
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
V
Maximum average forward rectified current at TT = 75°C
IF(AV)
0.5
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC Method)
IFSM
10
A
Maximum full load reverse current,
IR(AV)
50
µA
full cycle average at TA = 55°C
Maximum thermal resistance (Note 1, 2)
R
ΘJA
150
R
ΘJT
70
°C/W
Operating junction and storage temperature range
TJ,TSTG
–65 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400
Unit
EGL34A
EGL34B
EGL34C
EGL34D
EGL34F
EGL34G
Maximum DC reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 125°C
IR
50
µA
Maximum instantaneous forward voltage at 0.5A
VF
1.25
1.35
V
Max. reverse recovery time at IF = 0.5A, IR = 1.0A, Ir r= 0.25A
trr
50
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
7.0
pF
Notes: (1) Thermal resistance from junction to ambient, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Capable of meeting environmental standards of
MIL-S-19500
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Fast switching for high efficiency
• High temperature soldering guaranteed: 450°C/5 seconds
at terminals. Complete device submersible temperature
of 260°C for 10 seconds in solder bath
Mechanical Data
Case: JEDEC DO-213AA, molded plastic over glass body
Terminals: Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity: Two bands indicate cathode end – 1st band
denotes device type and 2nd band denotes repetitive
peak reverse voltage rating
Mounting Position: Any Weight: 0.0014 oz., 0.036 g
Dimensions in inches
and (millimeters)
*Glass-plastic encapsulation
is covered by Patent No. 3,996,602
and brazed-lead assembly to
Patent No. 3,930,306


Número de pieza similar - BYM07-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
BYM07-300 GE-BYM07-300 Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYM07-300 VISHAY-BYM07-300 Datasheet
109Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 27-Aug-08
BYM07-300 VISHAY-BYM07-300 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Luguang Electr...
BYM07-300 LUGUANG-BYM07-300 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-300 VISHAY-BYM07-300 Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results

Descripción similar - BYM07-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com