Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8589AJ Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA8589AJ
Descripción Electrónicos  I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8589AJ Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8589AJ Datasheet HTML 1Page - NXP Semiconductors TDA8589AJ Datasheet HTML 2Page - NXP Semiconductors TDA8589AJ Datasheet HTML 3Page - NXP Semiconductors TDA8589AJ Datasheet HTML 4Page - NXP Semiconductors TDA8589AJ Datasheet HTML 5Page - NXP Semiconductors TDA8589AJ Datasheet HTML 6Page - NXP Semiconductors TDA8589AJ Datasheet HTML 7Page - NXP Semiconductors TDA8589AJ Datasheet HTML 8Page - NXP Semiconductors TDA8589AJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
2004 Feb 243
Philips Semiconductors
Product speci
cation
I2C-bus controlled 4
45 Watt power
ampli
er and multiple voltage regulator
TDA8589J; TDA8589xJ
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
Ampli
ers
VP1, VP2
operating supply voltage
8
14.4
18V
Iq(tot)
total quiescent current
270
400
mA
Po(max)
maximum output powerRL =4 ;VP = 14.4 V;VIN =2V
RMS square wave
39
41
W
RL =4 ;VP = 15.2 V;VIN =2V
RMS square wave
44
46
W
RL =2 ;VP = 14.4 V;VIN =2V
RMS square wave
64
69
W
THD
total harmonic distortion
0.01
0.1%
Vn(o)(amp)
noise output voltage in ampli
er mode
50
70
V
Vn(o)(LN)
noise output voltage in line driver mode
25
35
V
Voltage regulators
SUPPLY
VP
supply voltage
regulator 1, 3, 4 and 5 on
10
14.4
18V
regulator 2 on4
V
jump starts for t
10 minutes
30V
load dump protection for
t
50 ms and tr
2.5 ms
50V
overvoltage for shut-down
20
V
Iq(tot)
total quiescent supply current
standby mode; VP = 14.4V
150
190
A
VOLTAGE REGULATORS
VO(REG1)
output voltage of regulator 1
0.5 mA
IO
400 mA;
selectable via I2C-bus
IB2[D3:D2] = 01
8.3
V
IB2[D3:D2] = 10
8.5
V
IB2[D3:D2] = 11
8.7
V
VO(REG2)
output voltage of regulator 2
0.5 mA
IO
350 mA
TDA8589J; TDA8589AJ
5.0
V
TDA8589BJ
3.3
V
VO(REG3)
output voltage of regulator 3
0.5 mA
IO
300 mA
TDA8589J
5.0
V
TDA8589AJ; TDA8589BJ
3.3
V
VO(REG4)
output voltage of regulator 4
maximum current
1.6 A;
0.5 mA
IO 800 mA;
selectable via I2C-bus
V
IB2[D7:D5] = 001
5.0
V
IB2[D7:D5] = 010
6.0
V
IB2[D7:D5] = 011
7.0
V
IB2[D7:D5] = 100
8.6
V


Número de pieza similar - TDA8589AJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8588AJ PHILIPS-TDA8588AJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

Descripción similar - TDA8589AJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
logo
STMicroelectronics
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
   4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
September 2014 Rev 4
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
   4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
September 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com