|
| SN54LVC41A |
|
||
|
TI |
|
6 page
SN54LVC14A, SN74LVC14A HEX SCHMITT-TRIGGER INVERTERS SCAS285R – MARCH 1993 – REVISED SEPTEMBER 2002 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION VM th tsu From Output Under Test CL (see Note A) LOAD CIRCUIT S1 VLOAD Open GND RL RL Data Input Timing Input VI 0 V VI 0 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS VOLTAGE WAVEFORMS PULSE DURATION tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Waveform 1 S1 at VLOAD (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ VLOAD/2 0 V VOL + V ∆ VOH – V ∆ ≈0 V VI VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Output tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open VLOAD GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω. D. The outputs are measured one at a time with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPLH and tPHL are the same as tpd. H. All parameters and waveforms are not applicable to all devices. Output Control VM VM VM VM VM VM VM VM VM VM VM VM VI VM VM 1.8 V ± 0.15 V 2.5 V ± 0.2 V 2.7 V 3.3 V ± 0.3 V 1 k Ω 500 Ω 500 Ω 500 Ω VCC RL 2 × VCC 2 × VCC 6 V 6 V VLOAD CL 30 pF 30 pF 50 pF 50 pF 0.15 V 0.15 V 0.3 V 0.3 V V ∆ VCC VCC 2.7 V 2.7 V VI VCC/2 VCC/2 1.5 V 1.5 V VM tr/tf ≤2 ns ≤2 ns ≤2.5 ns ≤2.5 ns INPUTS Figure 1. Load Circuit and Voltage Waveforms |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| SN54LV14A | HEX SCHMITT-TRIGGER INVERTERS | 1 2 3 4 5 More | Texas Instruments |
| SN54AHCT14 | HEX SCHMITT-TRIGGER INVERTERS | 1 2 3 4 5 More | Texas Instruments |
| SN54HC14 | HEX SCHMITT-TRIGGER INVERTERS | 1 2 3 4 5 More | Texas Instruments |
| HD74LV14A | Hex Schmitt-trigger Inverters | 1 2 3 4 5 More | Hitachi Semiconductor |
| SN5414 | HEX SCHMITT-TRIGGER INVERTERS | 1 2 3 4 5 More | Texas Instruments |
| SN74LS14 | HEX SCHMITT-TRIGGER INVERTERS | 1 2 3 4 5 More | Texas Instruments |
| HD74HC14FH | Hex Schmitt-trigger Inverters | 1 2 3 4 5 More | Hitachi Semiconductor |
| SN54LVC14A | HEX SCHMITT-TRIGGER INVERTERS | 1 2 3 4 5 More | Texas Instruments |
| HD74LVC14 | Hex Schmitt-trigger Inverters | 1 2 3 4 5 More | Hitachi Semiconductor |
| SN54AHC14 | HEX SCHMITT-TRIGGER INVERTERS | 1 2 | Texas Instruments |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |