Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD05-05S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza FDD05-05S
Descripción Electrónicos  DC-DC CONVERTER 5 ~ 6W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

FDD05-05S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FDD05-05S Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD05-05S Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD05-05S Datasheet HTML 3Page - List of Unclassifed Manufacturers FDD05-05S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC-DC CONVERTER
FDD05 SERIES
5 ~ 6W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
MODEL LIST
FEATURES
* LOW COST
* 4:1 & 3:1 & 2:1 WIDE INPUT RANGE
* I/O ISOLATION
* SHORT CIRCUIT PROTECTION
* HIGH PERFORMANCE
DESCRIPTION
THE FDD05 SERIES ARE 5WATTS & 6W WATTS SINGLE & DUAL OUTPUT DC/DC CONVERTERS. 4:1 & 3:1 &
2:1 WIDE INPUT RANGE WITH I/O ISOLATION AND SHORT CIRCUIT PROTECT FEATURES MAKE IT
SUITABLE TO APPLICATION ON VARIABLE APPLICATIONS WITH LOW COST. ALL THE MODELS ARE
PACKAGED IN L x W x H = 2" x 2" x 0.47”. CONFIGURATION, AND PCB MOUNTABLE DIRECTLY.
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.)
CASE
Dual Output Models
FDD05 - 05D
20~60 VDC
5 WATTS
± 5 VDC
± 500 mA
73%
FA
FDD05 - 12D
20~60 VDC
6 WATTS
± 12 VDC
± 250 mA
75%
FA
FDD05 - 15D
20~60 VDC
6 WATTS
± 15 VDC
± 200 mA
75%
FA
FDD05 - 05D1
9~18 VDC
5 WATTS
± 5 VDC
± 500 mA
67%
FA
FDD05 - 12D1
9~18 VDC
6 WATTS
± 12 VDC
± 250 mA
70%
FA
FDD05 - 15D1
9~18 VDC
6 WATTS
± 15 VDC
± 200 mA
70%
FA
FDD05 - 05D2
18~36 VDC
5 WATTS
± 5 VDC
± 500 mA
73%
FA
FDD05 - 12D2
18~36 VDC
6 WATTS
± 12 VDC
± 250 mA
75%
FA
FDD05 - 15D2
18~36 VDC
6 WATTS
± 15 VDC
± 200 mA
75%
FA
FDD05 - 05D3
36~72 VDC
5 WATTS
± 5 VDC
± 500 mA
73%
FA
FDD05 - 12D3
36~72 VDC
6 WATTS
± 12 VDC
± 250 mA
75%
FA
FDD05 - 15D3
36~72 VDC
6 WATTS
± 15 VDC
± 200 mA
75%
FA
FDD05 - 05D4
9~36 VDC
5 WATTS
± 5 VDC
± 500 mA
73%
FA
FDD05 - 12D4
9~36 VDC
6 WATTS
± 12 VDC
± 250 mA
75%
FA
FDD05 - 15D4
9~36 VDC
6 WATTS
± 15 VDC
± 200 mA
75%
FA
FDD05 - 05D5
18~72 VDC
5 WATTS
± 5 VDC
± 500 mA
73%
FA
FDD05 - 12D5
18~72 VDC
6 WATTS
± 12 VDC
± 250 mA
75%
FA
FDD05 - 15D5
18~72 VDC
6 WATTS
± 15 VDC
± 200 mA
75%
FA


Número de pieza similar - FDD05-05S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chinfa Electronics Ind....
FDD05-05S CHINFA-FDD05-05S Datasheet
168Kb / 4P
   DC - AC CONCERTER 5~6W SINGLE & DUAL OUTPUT
FDD05-05S0 CHINFA-FDD05-05S0 Datasheet
289Kb / 4P
   DC - DC CONVERTER 5 ~ 6W 5V INPUT MODEL
FDD05-05S0 CHINFA-FDD05-05S0 Datasheet
193Kb / 4P
   DC - DC CONVERTER 5~6W 5V INPUT MODEL
FDD05-05S0 CHINFA-FDD05-05S0 Datasheet
166Kb / 4P
   DC - AC CONCERTER 5~6W 5V INPUT MODEL
FDD05-05S1 CHINFA-FDD05-05S1 Datasheet
168Kb / 4P
   DC - AC CONCERTER 5~6W SINGLE & DUAL OUTPUT
More results

Descripción similar - FDD05-05S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RDD05 ETC1-RDD05 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
FDD05 CHINFA-FDD05_10 Datasheet
193Kb / 4P
   DC - DC CONVERTER 5~6W 5V INPUT MODEL
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com