Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES29DS320ET-90RTG Datasheet(PDF) 5 Page - Excel Semiconductor Inc.

No. de pieza ES29DS320ET-90RTG
Descripción Electrónicos  8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXCELSEMI [Excel Semiconductor Inc.]
Página de inicio  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS320ET-90RTG Datasheet(HTML) 5 Page - Excel Semiconductor Inc.

  ES29DS320ET-90RTG Datasheet HTML 1Page - Excel Semiconductor Inc. ES29DS320ET-90RTG Datasheet HTML 2Page - Excel Semiconductor Inc. ES29DS320ET-90RTG Datasheet HTML 3Page - Excel Semiconductor Inc. ES29DS320ET-90RTG Datasheet HTML 4Page - Excel Semiconductor Inc. ES29DS320ET-90RTG Datasheet HTML 5Page - Excel Semiconductor Inc. ES29DS320ET-90RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29DS320ET-90RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS320ET-90RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS320ET-90RTG Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ES I
ES I
5
Rev. 1D January 5, 2006
ES29LV800D
Excel Semiconductor inc.
CONNECTION DIAGRAM
48-Ball FBGA (6 x 8 mm)
(Top View, Balls Facing Down)
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE#
RESET#
NC
NC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE#
Vss
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
Vcc
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
Vss
CE#
A0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
48-Pin Standard TSOP
ES29LV800
A13
A12
A14
A15
A16
DQ15/
Vss
A9
WE#
OE#
CE#
A0
A1
A2
A4
NC
A11
DQ7
DQ14
DQ13
DQ6
NC
NC
A18
DQ5
NC
A5
DQ2
DQ0
DQ8
DQ9
DQ1
DQ10
DQ11
DQ3
DQ12
Vcc
DQ4
A3
A10
A
B
C
D
E
F
G
H
6
5
4
3
2
1
BYTE#
A-1
A8
RESET#
RY/
A7
A17
A6
Vss
BY#


Número de pieza similar - ES29DS320ET-90RTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Excel Semiconductor Inc...
ES29DS320ET-90RTGI EXCELSEMI-ES29DS320ET-90RTGI Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Descripción similar - ES29DS320ET-90RTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Excel Semiconductor Inc...
ES29LV800E EXCELSEMI-ES29LV800E Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com