Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES29DS320E-90WC Datasheet(PDF) 1 Page - Excel Semiconductor Inc. |
|
ES29DS320E-90WC Datasheet(HTML) 1 Page - Excel Semiconductor Inc. |
1 / 50 page ES I ES I 1 Rev. 1D January 5, 2006 ES29LV800D Excel Semiconductor inc. ES29LV800D 8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory GENERAL FEATURES • Single power supply operation - 2.7V -3.6V for read, program and erase operations •Sector Structure - 16Kbyte x 1, 8Kbyte x 2, 32Kbyte x 1 boot sectors - 64Kbyte x 15sectors • Top or Bottom boot block - ES29LV800DT for Top boot block device - ES29LV800DB for Bottom boot block device • Package Options - 48-pin TSOP - 48-ball FBGA ( 6 x 8 mm ) - Pb-free packages - All Pb-free products are RoHS-Compliant • Low Vcc write inhibit • Manufactured on 0.18um process technology • Compatible with JEDEC standards - Pinout and software compatible with single-power supply flash standard DEVICE PERFORMANCE • Read access time - 70ns / 90ns / 120ns • Program and erase time - Program time : 6us/byte, 8us/word ( typical ) - Sector erase time : 0.7sec/sector ( typical ) • Power consumption (typical values) - 200nA in standby or automatic sleep mode - 7mA active read current at 5 MHz - 15mA active write current during program or erase • Minimum 100,000 program/erase cycles per sector • 20 Year data retention at 125oC SOFTWARE FEATURES • Erase Suspend / Erase Resume • Data# poll and toggle for Program/erase status • Unlock Bypass program • Autoselect mode • Auto-sleep mode after tACC + 30ns HARDWARE FEATURES • Hardware reset input pin ( RESET#) - Provides a hardware reset to device - Any internal device operation is terminated and the device returns to read mode by the reset • Ready/Busy# output pin ( RY/BY#) - Provides a program or erase operational status about whether it is finished for read or still being progressed • Sector protection / unprotection ( RESET# , A9 ) - Hardware method of locking a sector to prevent any program or erase operation within that sector - Two methods are provided : - In-system method by RESET# pin - A9 high-voltage method for PROM programmers • Temporary Sector Unprotection ( RESET# ) - Allows temporary unprotection of previously protected sectors to change data in-system |
Número de pieza similar - ES29DS320E-90WC |
|
Descripción similar - ES29DS320E-90WC |