Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDQ6004-QS-0G00 Datasheet(PDF) 9 Page - Mimix Broadband

No. de pieza CDQ6004-QS-0G00
Descripción Electrónicos  0.05-4.0 GHz Dual High Dynamic Range Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MIMIX [Mimix Broadband]
Página de inicio  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CDQ6004-QS-0G00 Datasheet(HTML) 9 Page - Mimix Broadband

Back Button CDQ6004-QS-0G00 Datasheet HTML 2Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 3Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 4Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 5Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 6Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 7Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 8Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 9Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 9 of 10
Functional Block Diagram
Pin Out Detail
Physical Dimensions
CDQ6004-QS
5
8
16
13
1,2,3,4
9,10,11,12
6,7,14,15
IN 1
IN 2
OUT 1
OUT 2
VS 1
VS 2
GND
Amplifier 1 RF Input
Amplifier 2 RF Input
Amplifier 1 RF Output
Amplifier 2 RF Output
Amplifier 1 Source Connection
Amplifier 2 Source Connection
Main Heat-Sinking Connection
Pin
Function Description
0.05-4.0 GHz
Dual High Dynamic Range Amplifier
Ordering Information
Part Number for Ordering
Description
Matte Tin plated RoHS compliant QFN4x4 16L surface mount package in bulk quantity
Matte Tin plated RoHS compliant QFN4x4 16L surface mount package in tape and reel
CDQ6004-QS Evaluation Board @ 900 MHz
CDQ6004-QS Evaluation Board @ 1.9 GHz~2.1 GHz
CDQ6004-QS Evaluation Board @ 2.4 GHz
CDQ6004-QS-0G00
CDQ6004-QS-0G0T
PB-CDQ6004-QS-00A0
PB-CDQ6004-QS-00B0
PB-CDQ6004-QS-00C0
We also offer this product with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager for more information
regarding different plating types.
0.65
1.00
A2
0
E
E2
L
D2
e
K
b
D
0.35
0.20
2.50
0.25
4.00 BSC
0.40
0.45
2.65
2.80
0.65
--
0.30
0.35
4.00 BSC
NOM
0.20 REF
MIN
A3
0.80
A
MAX
0.90
1.00
2.50
2.65
2.80
DIE
D
b
D2
K
WAFER LOT NUMBER
DATE CODE (YEAR/WEEK)
COUNTRY OF ORIGIN
(IF OTHER THAN USA)
100% MATTE TIN
April 2006 - Rev 11-Apr-06


Número de pieza similar - CDQ6004-QS-0G00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
CDQ6004-QS-0G00 MIMIX-CDQ6004-QS-0G00 Datasheet
535Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
More results

Descripción similar - CDQ6004-QS-0G00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS_07 Datasheet
535Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
   100.05-4.0 GHz Dual High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
   0.05-3.0 GHz High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
   High Dynamic Range Dual Amplifier
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
   High Dynamic Range Dual Amplifier
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
logo
Analog Devices
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
   4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
logo
Mimix Broadband
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
   0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
   0.3-3.0 GHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com