Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDQ0303-QS-0G00 Datasheet(PDF) 2 Page - Mimix Broadband

No. de pieza CDQ0303-QS-0G00
Descripción Electrónicos  500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MIMIX [Mimix Broadband]
Página de inicio  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CDQ0303-QS-0G00 Datasheet(HTML) 2 Page - Mimix Broadband

  CDQ0303-QS-0G00 Datasheet HTML 1Page - Mimix Broadband CDQ0303-QS-0G00 Datasheet HTML 2Page - Mimix Broadband CDQ0303-QS-0G00 Datasheet HTML 3Page - Mimix Broadband CDQ0303-QS-0G00 Datasheet HTML 4Page - Mimix Broadband CDQ0303-QS-0G00 Datasheet HTML 5Page - Mimix Broadband CDQ0303-QS-0G00 Datasheet HTML 6Page - Mimix Broadband CDQ0303-QS-0G00 Datasheet HTML 7Page - Mimix Broadband CDQ0303-QS-0G00 Datasheet HTML 8Page - Mimix Broadband CDQ0303-QS-0G00 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Parameters
Test Conditions
Min
Typ
Max
Units
Operating Frequency
500
3000
MHz
DC Supply Voltage
Vdd Only
3
V
Saturated Drain Current (Per Device)
Vds=4.5V, Vgs=0V
120
165
200
mA
Idd (Per Device)
Vgg=-0.65 nom
60
mA
Transconductance (Per Device)
Vds=4.5V. Gm=Idss/Vp
190
250
mmho
Associated Gain 1
f=900 MHz
Vd=3V, Ids=50 mA
23
25
dB
f=1900 MHz
Vd=3V, Ids=50 mA
18
20
dB
Noise Figure 1
f=900 MHz
Vd=3V, Ids=50 mA
0.6
dB
f=1900 MHz
Vd=3V, Ids=50 mA
0.7
dB
Output Third Order Intercept Point 1
f=900 MHz
Vd=3V, Ids=50 mA
29
dBm
f=1950 MHz
Vd=3V, Ids=50 mA
29
dBm
Isolation (Between IN1 and IN2)
f=900 MHz
Vd=3V, Ids=50 mA
34
dB
f=1950 MHz
Vd=3V, Ids=50 mA
29
dB
Input Overdrive Tollerance Level
Returns to full operation after 1 min.
17
dBm
ESD (ESD precautions should be followed)
ESD (HBM) for (All I/Os)
600
V
500-6000 MHz
Dual, Ultra Low Noise, High IP3 Amplifier
Page 2 of 14
CDQ0303-QS
Parameter
Rating
Parameter
Rating
Parameter
Rating
Drain-Source Voltage 2
+5.5 V
Drain Current 2
Idss 3 A
Channel Temperature
+175ºC
Gate-Source Voltage 2
-5.0 V
Total Pwr Dissipation
1.12 W
Storage Temperature
-65ºC to +160ºC
Gate-Drain Voltage 2
-5.0 V
RF Input Power
17 dBm
Thermal Resistance
70ºC/W
Notes:
1. Operation of this device above any one of these parameters may cause permanent damage
2. Assumes DC quiescent conditions. RF OFF.
3. Vgs=0V
Ta=25ºC, Typical device RF parameters measured in test system.
Notes:
1. Measured in Celeritek Evaluation Board (No circuit de-embedding used). See page 15.
Pin Out Detail
Pin
Function
Description
16
IN 1
Amplifier 1 RF Input
13
IN 2
Amplifier 2 RF Input
5
OUT 1
Amplifier 1 RF Output
8
OUT 2
Amplifier 2 RF Output
1, 2, 3, 4
VS 1
Amplifier 1 Source Connection
9, 10, 11, 12
VS 2
Amplifier 2 Source Connection
6, 7, 14, 15
GND
Main Heat-Sinking Connection
VS 1 1
VS 1 2
VS 1 3
VS 1 4
12 VS 2
11 VS 2
10 VS 2
9 VS 2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2006 - Rev 24-May-06
Electrical Characteristics
Functional Block Diagram
Absolute Maximum Ratings1


Número de pieza similar - CDQ0303-QS-0G00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
CDQ0303-QS-0G00 MIMIX-CDQ0303-QS-0G00 Datasheet
531Kb / 14P
   500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
More results

Descripción similar - CDQ0303-QS-0G00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
CDQ0303-QS MIMIX-CDQ0303-QS_07 Datasheet
531Kb / 14P
   500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
   200 to 6000 MHz Broadband Low-Noise Amplifier
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
   400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
   400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-621P8 AVAGO-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
Broadcom Corporation.
MGA-621P8 BOARDCOM-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
TEMEX
SRW150 TEMEX-SRW150 Datasheet
323Kb / 6P
   Ultra Low Noise 500 MHz SAW Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com