Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD214A-T40A Datasheet(PDF) 3 Page - Bourns Electronic Solutions |
|
CD214A-T40A Datasheet(HTML) 3 Page - Bourns Electronic Solutions |
3 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214A Transient Voltage Suppressor Diode Series Product Dimensions Recommended Pad Layout Physical Specifications Case ............................................Molded plastic per UL Class 94V-0 Polarity ........................Cathode band indicates unidirectional device No cathode band indicates bidirectional device Weight ....................................................0.002 ounces / 0.064 grams Dimension SMA (DO-214AC) A 4.06 - 4.57 (0.160 - 0.180) B 2.29 - 2.92 (0.090 - 0.115) C 1.27 - 1.63 (0.050 - 0.064) D 0.15 - 0.31 (0.006 - 0.112) E 4.83 - 5.59 (0.190 - 0.220) F 0.05 - 0.20 (0.002 - 0.008) G 2.01 - 2.62 (0.080 - 0.103) H 0.76 - 1.52 (0.030 - 0.060) B G F D C H E A A C B MM (INCHES) DIMENSIONS: Dimension SMA (DO-214AC) A (Max.) 2.70 (0.106) B (Min.) 2.10 (0.083) C (Min.) 1.27 (0.050) MM (INCHES) DIMENSIONS: |
Número de pieza similar - CD214A-T40A |
|
Descripción similar - CD214A-T40A |