Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC5940RHBG4 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TLC5940RHBG4
Descripción Electrónicos  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC5940RHBG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5940RHBG4 Datasheet HTML 6Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 7Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 8Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 9Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 10Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 11Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 12Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 13Page - Texas Instruments TLC5940RHBG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
100
1 k
100 k
10 k
I
− Output Current − mA
O
0
20
60
100
40
80
120
0
1 k
3 k
4 k
2 k
T − Free-Air Temperature − C
A
o
0
-20
20
100
-40
80
60
40
TLC5940PWP
PowerPAD Soldered
TLC5940PWP
PowerPAD Unsoldered
TLC5940RHB
TLC5940NT
0
70
60
50
40
30
20
10
90
100
80
V
− Output Voltage − V
O
0.6 0.9
1.2
1.5 1.8
2.1 2.4
2.7
3
0.3
0
I
= 60 mA
max
I
= 30 mA
max
I
= 5 mA
max
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
REFERENCE RESISTOR
POWER DISSIPATION RATE
vs
vs
OUTPUT CURRENT
FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
Figure 5.
10


Número de pieza similar - TLC5940RHBG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5940RHBR TI1-TLC5940RHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
TLC5940RHBRG4 TI1-TLC5940RHBRG4 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
More results

Descripción similar - TLC5940RHBG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com