Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC8009-H Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TPC8009-H
Descripción Electrónicos  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8009-H Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPC8009-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8009-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPC8009-H
2002-01-17
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a)
Rth (ch-a)
65.8
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b)
Rth (ch-a)
125
°C/W
Marking (Note 5)
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = 24 V, Tch = 25°C (initial), L = 1.0 mH, RG = 25 W, IAR = 13 A
Note 4: Repetitive rating; pulse width limited by max channel temperature.
Note 5:
· on lower left of the marking indicates Pin 1.
shows lot number. (year of manufacture: last decimal digit of the year of manufacture, month of
manufacture: January to December are denoted by letters A to L respectively.)
TYPE
TPC8009
H
(a)
FR-4
25.4
´ 25.4 ´ 0.8
(Unit: mm)
(b)
FR-4
25.4
´ 25.4 ´ 0.8
(Unit: mm)


Número de pieza similar - TPC8009-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
More results

Descripción similar - TPC8009-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8208 TOSHIBA-TPC8208 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com