Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STG8209 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

No. de pieza STG8209
Descripción Electrónicos  Dual N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STG8209 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STG8209 Datasheet HTML 1Page - SamHop Microelectronics Corp. STG8209 Datasheet HTML 2Page - SamHop Microelectronics Corp. STG8209 Datasheet HTML 3Page - SamHop Microelectronics Corp. STG8209 Datasheet HTML 4Page - SamHop Microelectronics Corp. STG8209 Datasheet HTML 5Page - SamHop Microelectronics Corp. STG8209 Datasheet HTML 6Page - SamHop Microelectronics Corp. STG8209 Datasheet HTML 7Page - SamHop Microelectronics Corp. STG8209 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S TG 8209
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
4
6
15.0
9.0
1.0
0
0.4
0.8
1.2
1.6
2.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50 -25
0
25
50
75 100 125 150
V DS =V GS
ID=250uA
-50 -25
0
25 50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
V GS , G ate-S ource Voltage (V )
60
50
40
30
20
10
0
F igure 7. On-R esistance vs.
G ate-S ource V oltage
2
2.5
3
3.5
4
0
F igure 5. G ate T hres hold V ariation
with T emperature
25 C
125 C
ID=5A
6.0
25 C
75 C
75 C
12.0
125 C
3.0


Número de pieza similar - STG8209

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
STG8203 SAMHOP-STG8203 Datasheet
742Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
VBsemi Electronics Co.,...
STG8205 VBSEMI-STG8205 Datasheet
966Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
SamHop Microelectronics...
STG8206 SAMHOP-STG8206 Datasheet
650Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8207 SAMHOP-STG8207 Datasheet
700Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Descripción similar - STG8209

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
STS8208 SAMHOP-STS8208 Datasheet
591Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STU402D SAMHOP-STU402D Datasheet
637Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM8206 SAMHOP-STM8206 Datasheet
646Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6912 SAMHOP-STM6912 Datasheet
554Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8206 SAMHOP-STG8206 Datasheet
650Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8210 SAMHOP-STG8210 Datasheet
652Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6913A SAMHOP-STM6913A Datasheet
722Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
SDM9926 SAMHOP-SDM9926 Datasheet
571Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com